Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CJ1H-CPU66H-R Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # CJ1H-CPU66H-R
Description   Integrated Loop Control and Sequence
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CJ1H-CPU66H-R Datasheet(HTML) 5 Page - Omron Electronics LLC

  CJ1H-CPU66H-R Datasheet HTML 1Page - Omron Electronics LLC CJ1H-CPU66H-R Datasheet HTML 2Page - Omron Electronics LLC CJ1H-CPU66H-R Datasheet HTML 3Page - Omron Electronics LLC CJ1H-CPU66H-R Datasheet HTML 4Page - Omron Electronics LLC CJ1H-CPU66H-R Datasheet HTML 5Page - Omron Electronics LLC CJ1H-CPU66H-R Datasheet HTML 6Page - Omron Electronics LLC CJ1H-CPU66H-R Datasheet HTML 7Page - Omron Electronics LLC CJ1H-CPU66H-R Datasheet HTML 8Page - Omron Electronics LLC CJ1H-CPU66H-R Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
CJ1G-CPU4
@P
5
Internal
Operation
Number of control
loops
The maximum number of loops that can be used if the LCB load rate is 80% for a standard applications
(e.g., with each loop consisting of one Ai4 Terminal, Segment Linearizer, Basic PID, and A04 terminal) is
shown in the following table.
CJ1G-CPU43P/44P/45P (LCB03)
CJ1G-CPU42P (LCB01)
Number of operations
for process (excluding
control)
LCB01: Max. 50 blocks
LCB03: Max. 30 blocks
Sequential
control
(Use only
one or the
other)
Step
ladders
LCB01: Max. 20 blocks per Board and total max. 2,000 commands per Board
LCB03: Max. 200 blocks per Board and total max. 4,000 commands per Board
Loop Controllers common: Divisible to 100 commands max. per block and 100 steps max. per block (100
commands max. per step)
Control
method
PID control
PID with 2 degrees of freedom
Possible control type
combinations
Basic PID control, cascade control, feedforward control, sample PI control, dead time compensation, PID
control with differential gap, override control, program control, time-proportional control and other control
types can be achieved by combining function blocks.
Alarm
Integrated into PID
block
4 PV alarms (high/high limit, high limit, low limit, low/low limit) per PID block, 1 deviation alarm
Alarm block
High/Low Alarm block, Deviation Alarm block
Internal analog signal
Min.
−320.00% to max. +320.00%
Scaling of the engineering units depends on the CX-Process Tool (sold separately).
Operating status monitor method
Executed by commercially available SCADA software. In the SCADA software, CSV tags set on the
CX-Process Tool are specified.
External
I/O
External I/O signals
By data exchange with Analog I/O Unit via the Field Terminal
block
Total number of I/O points:
(max. 8 points on Analog Input Unit or
Analog Output Unit, or max. 96 points
on Basic I/O Unit)
× 80 blocks
External contact I/O
signals
By data exchange with Basic I/O Unit via the Field Terminal
block
CPU Unit analog data
I/O
By data exchange with CPU Unit I/O memory via user link tables
Total number of I/O points:
2,400
CPU Unit contact data
I/O
By data exchange with CPU Unit I/O memory via user link tables
Analog/contact I/O
with SCADA software
Data transfer between Loop Controller and I/O memory in CPU
Unit for Control, Operation, and External Controller blocks using
HMI function
CJ1G-CPU42P: 2,040
CJ1G-CPU43/44/45P: 12,040
FINS command to
Loop Controller
Read/write of ITEMs in Loop Controller function blocks and execution of run/stop commands are possible
from the CPU Unit (including other networked nodes) or host computer by issuing the following FINS
commands to the Loop Controller.
• READ MULTIPLE ITEMS IN FUNCTION BLOCK (0240 HEX)
• WRITE MULTIPLE ITEMS IN FUNCTION BLOCK (0241 HEX)
• READ ITEM IN MULTIPLE FUNCTION BLOCKS (0242 HEX)
• WRITE ITEM IN MULTIPLE FUNCTION BLOCKS (0243 HEX)
• READ UNIT INFORMATION (0501 HEX)
• ECHOBACK TEST (0801 HEX)
• READ ERROR LOG (2102 HEX)
• CLEAR ERROR LOG (2103 HEX)
System
common
status
signals
Status output signal
for sequence control
Constantly ON flags, constantly OFF flags, clock pulse (ON/OFF every 0.5 and 1 seconds)
Clock timing output
signal
Differential output at 00:00 every day, noon every day, every 10 minutes, every minute and every 10
seconds
Note: The CPU Unit's clock data are read as these clock data.
Calendar/clock output
signal
Year, year/month, month/hour, day/time, hour/minute and minute/second
Note: The CPU Unit's clock data is read as these clock data.
Error display
By front panel indicators: hardware test error, function block database error, battery error
Storage of function block execution-related error codes to ITEM 003 of each function block: source/
destination designation error, illegal function block combination, illegal parameter, etc.
Item
Description
Operation cycle: Maximum number of loops
0.01 s: 20 loops
0.1 s: 100 loops
1 s: 150 loops
0.02 s: 35 loops
0.2 s: 150 loops
2 s: 150 loops
0.05 s: 70 loops
0.5 s: 150 loops
Operation cycle: Maximum number of loops
0.01 s: 20 loops
0.1 s: 25 loops
1 s: 25 loops
0.02 s: 25 loops
0.2 s: 25 loops
2 s: 25 loops
0.05 s: 25 loops
0.5 s: 25 loops



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com