Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CJ1H-CPU66H-R Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # CJ1H-CPU66H-R
Description   Integrated Loop Control and Sequence
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CJ1H-CPU66H-R Datasheet(HTML) 3 Page - Omron Electronics LLC

  CJ1H-CPU66H-R Datasheet HTML 1Page - Omron Electronics LLC CJ1H-CPU66H-R Datasheet HTML 2Page - Omron Electronics LLC CJ1H-CPU66H-R Datasheet HTML 3Page - Omron Electronics LLC CJ1H-CPU66H-R Datasheet HTML 4Page - Omron Electronics LLC CJ1H-CPU66H-R Datasheet HTML 5Page - Omron Electronics LLC CJ1H-CPU66H-R Datasheet HTML 6Page - Omron Electronics LLC CJ1H-CPU66H-R Datasheet HTML 7Page - Omron Electronics LLC CJ1H-CPU66H-R Datasheet HTML 8Page - Omron Electronics LLC CJ1H-CPU66H-R Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
CJ1G-CPU4
@P
3
Specifications
Item
Specification
Product name
Loop-control CPU Unit
Model numbers
CJ1G-CPU
@@P
Data exchange
method with
CPU Unit
Words in Auxiliary
Area in CPU Unit
Loop Controller
→ CPU Unit:
Operation status, PV error input ON, MV error input ON, occurrence of execution error, function block
database error, cold start ready for hot start command, flash memory backup in progress, function
blocks changed, etc.
CPU Unit
→ Loop Controller:
Hot/cold start command at power ON
User allocations in
I/O memory
User memory tables used to allocate function block ITEM data for user-specified memory in the CPU
Unit (CIO, Work, HR, DM, or EM Area (bank 0, but also banks 1 to 12 for Ver. 3.0 or later)).
EM Area (bank
number)
allocations (for
SCADA software)
HMI function used allocate function block ITEM data for Control, Operation, External Controller, and
System Common blocks in the specified bank of the EM Area in the CPU Unit.
The real PV in calibration mode can be allocated (Ver. 3.0 or later).
Setting
None
Indicators
Loop-control CPU Units: 2 LEDs (RUN and ready)
Super capacitor backup data
All function block data (including Step Ladder Program commands), stored error log data
Super capacitor backup time
CJ Series (CJ1G-CPU
@@P): 5 min at 25°C (Backed up by the Battery in the CPU Unit.)
Data stored in flash memory
Function block data
Backup from RAM to flash memory
Executed from CX-Process Tool (as required).
Recovery from flash memory to RAM
Automatic at power ON if startup mode is set for a cold start, or executed from CX-Process Tool (as
required).
Influence on CPU Unit cycle time
Loop-control CPU Unit (CJ1G-CPU
@@P): 0.8 ms max. (Depends on function block contents.)
Current consumption (supplied from
Power Supply Unit)
Loop-control CPU Unit: 1.06 A at 5 VDC
Note: Increased by 150 mA when NT-AL001 Link Adapter is used.
Standard accessories
None



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com