Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5USB30216D Datasheet(PDF) 7 Page - Diodes Incorporated

Part # PI5USB30216D
Description  Plug-in Detector for Type-C Connector
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI5USB30216D Datasheet(HTML) 7 Page - Diodes Incorporated

Back Button PI5USB30216D Datasheet HTML 3Page - Diodes Incorporated PI5USB30216D Datasheet HTML 4Page - Diodes Incorporated PI5USB30216D Datasheet HTML 5Page - Diodes Incorporated PI5USB30216D Datasheet HTML 6Page - Diodes Incorporated PI5USB30216D Datasheet HTML 7Page - Diodes Incorporated PI5USB30216D Datasheet HTML 8Page - Diodes Incorporated PI5USB30216D Datasheet HTML 9Page - Diodes Incorporated PI5USB30216D Datasheet HTML 10Page - Diodes Incorporated PI5USB30216D Datasheet HTML 11Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
PI5USB30216D
www.diodes.com
August 2022
Document Number DS44977 Rev 1-2
7
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
PI5USB30216D
Symbol Parameter
Test Conditions
Min.
Typ.
Max.
Units
Operating current, Host mode
SRC connects to SNK
Default current mode
-
135
190
µA
IDISABLE Chip is disabled
EN=GND
-
-
5
µA
IDEV_STBY Device mode standby current
VDD=3.6V, Floating CC1 and CC2
-
35
65
µA
IDUAL_STBY Dual-Role mode standby current
VDD=3.6V, Floating CC1 and CC2
-
45
75
µA
IHOST_STBY Host mode standby current
VDD=3.6V, Floating CC1 and CC2
-
55
85
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com