Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5USB30216D Datasheet(PDF) 14 Page - Diodes Incorporated

Part # PI5USB30216D
Description  Plug-in Detector for Type-C Connector
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI5USB30216D Datasheet(HTML) 14 Page - Diodes Incorporated

Back Button PI5USB30216D Datasheet HTML 10Page - Diodes Incorporated PI5USB30216D Datasheet HTML 11Page - Diodes Incorporated PI5USB30216D Datasheet HTML 12Page - Diodes Incorporated PI5USB30216D Datasheet HTML 13Page - Diodes Incorporated PI5USB30216D Datasheet HTML 14Page - Diodes Incorporated PI5USB30216D Datasheet HTML 15Page - Diodes Incorporated PI5USB30216D Datasheet HTML 16Page - Diodes Incorporated PI5USB30216D Datasheet HTML 17Page - Diodes Incorporated PI5USB30216D Datasheet HTML 18Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
PI5USB30216D
www.diodes.com
August 2022
Document Number DS44977 Rev 1-2
14
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
PI5USB30216D
Address Name
Description
Default Value
Type
0x04
CC status
Bit 7 = VBUS detection
This bit reports VBUS status when PI5USB30216D is in device mode, dual
role mode acting as device or accessory mode.
0 = VBUS not detected
1 = VBUS detected
Bits [6:5] = Charging current detection
These bits report the detected host charging current status when port is a
device or dual role acting as device.
00 = Standby
01 = Default current mode
10 = Medium current mode (1.5A)
11 = High current mode (3A)
Bits [4:2] = Attached port status
000 = Standby
001 = Device
010 = Host
011 = Audio Adapter Accessory
100 = Debug Accessory
101 = Device with Active Cable
Bits [1:0] = Plug polarity
00 = Standby
01 = CC1 makes connection
10 = CC2 makes connection
11 = Undetermined (e.g. AudioAccessory, DebugAccessory or other
undetermined connections)
00h
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com