Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5USB30216D Datasheet(PDF) 11 Page - Diodes Incorporated

Part # PI5USB30216D
Description  Plug-in Detector for Type-C Connector
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI5USB30216D Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button PI5USB30216D Datasheet HTML 7Page - Diodes Incorporated PI5USB30216D Datasheet HTML 8Page - Diodes Incorporated PI5USB30216D Datasheet HTML 9Page - Diodes Incorporated PI5USB30216D Datasheet HTML 10Page - Diodes Incorporated PI5USB30216D Datasheet HTML 11Page - Diodes Incorporated PI5USB30216D Datasheet HTML 12Page - Diodes Incorporated PI5USB30216D Datasheet HTML 13Page - Diodes Incorporated PI5USB30216D Datasheet HTML 14Page - Diodes Incorporated PI5USB30216D Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
PI5USB30216D
www.diodes.com
August 2022
Document Number DS44977 Rev 1-2
11
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
PI5USB30216D
I2C AC Electrical Characteristics
Symbol
Parameter
Fast Mode (400kHz)
Units
Min.
Max.
fSCL
SCL Clock Frequency
0
400
kHz
tHDSTA
Hold Time (Repeated) START Condition
0.6
-
µs
tLOW
LOW Period of SCL Clock
1.3
-
µs
tHIGH
HIGH Period of SCL Clock
0.6
-
µs
tSETSTA
Set-up Time for Repeated START Condition
0.6
-
µs
tHDDAT
Data Hold Time
0
0.9
µs
tSETDAT
Data Set-up Time
250
-
ns
tr
Rise Time of SDA and SCL Signals
-
300
ns
tf
Fall Time of SDA and SCL Signals
-
300
tSETSTO
Set-up Time for STOP Condition
0.6
-
µs
tBUF
Bus-Free Time between STOP and START Conditions
1.3
-
µs
tSP
Pulse Width of Spikes that Must Be Suppressed by the Input Filter
0
50
ns
Figure 1. Definition of Timing for Full-Speed Mode Devices on the I2C Bus
Table 2. I2C Slave Address
Name
Size (Bits)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Slave Address(ADDR=1)
8
0
1
1
1
1
0
1
R/W
Slave Address(ADDR=0)
0
0
1
1
1
0
1
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com