Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PI5USB30216D Datasheet(PDF) 8 Page - Diodes Incorporated

Part # PI5USB30216D
Description  Plug-in Detector for Type-C Connector
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PI5USB30216D Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button PI5USB30216D Datasheet HTML 4Page - Diodes Incorporated PI5USB30216D Datasheet HTML 5Page - Diodes Incorporated PI5USB30216D Datasheet HTML 6Page - Diodes Incorporated PI5USB30216D Datasheet HTML 7Page - Diodes Incorporated PI5USB30216D Datasheet HTML 8Page - Diodes Incorporated PI5USB30216D Datasheet HTML 9Page - Diodes Incorporated PI5USB30216D Datasheet HTML 10Page - Diodes Incorporated PI5USB30216D Datasheet HTML 11Page - Diodes Incorporated PI5USB30216D Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
PI5USB30216D
www.diodes.com
August 2022
Document Number DS44977 Rev 1-2
8
© 2022 Copyright Diodes Incorporated. All Rights Reserved.
PI5USB30216D
Detailed Description using I2C Control
ADDR
ADDR is a tri-level input pin to indicate I2C or pin control (or GPIO) mode. When ADDR pin is floating, the part is set to pin
control mode. When ADDR is set to VDD or GND, I2C mode is enabled, and bit 6 of I2C address is equal to 1 or 0 according to
ADDR set to VDD or GND (see Table 2: I2C Slave Address).
Configuration
The PI5USB30216D requires minimal configuration for proper detection and reporting. Write register 0x02 (Control Register) to
configure different charging profiles and port settings.
Processor Communication
Typical communication steps between the processor and the PI5USB30216D during plug detection are:
1. INTB asserted LOW, indicating changes in register 0x03 (Interrupt Register) or register 0x04 (CC Status Register).
2. Processor reads Interrupt registers to determine which event occurred. Interrupt Register (0x03) indicates if an attach or detach
event was detected. All interrupt flags in Interrupt Register (0x03) will be cleared after the I2C read action. INTB will become
hi-z again after the clearance of interrupt flags.
3. Processor reads CC Status Register (0x04) to determine plugin details and charging profile. Processor can configure the power
and USB channels according to information in CC Status Register (0x04).
Interrupts
The baseband processor recognizes interrupt signals by observing the INTB signal, which is active LOW. Interrupts are masked
upon bit 0 of Control Register 0x02 (Interrupt Mask Bit). After the Interrupt Mask Bit is cleared by the baseband processor, the
INTB pin is hi-z in preparation for a future interrupt. When an interruptible event occurs, INTB pin transits to LOW and returns
hi-z when the processor reads the Interrupt Register (0x03). Subsequent to the initial power up or reset; if the processor writes a
“1” to Interrupt Mask Bit (bit 0 of Control Register 0x02) when the system is already powered up, INTB pin stays hi-z and ignores
all interrupts until the interrupt mask bit is cleared.
Besides monitoring the I2C registers, the system can also monitor ID pin and VBUS for connector status. If the port is configured
as a device (or dual-role acting as device), VBUS will go to 5V when host attachment is detected. If the port is configured as a
host (or dual-role acting as host), ID pin will pull low when device attachment is detected, and system should assert VBUS.
Port Setting (Host/Device/Dual-Role)
When power is applied to VDD, an internal Power-On Reset (POR) holds the PI5USB30216D in a reset condition until VDD has
reached 2.6V. At that point, the reset condition is released and the PI5USB30216D registers and I2C-bus state machine will
initialize to their default states. After power up, the port setting can be changed by I2C writes to [2:1] of Control Register (0x02).
Thereafter, VDD must be lowered below 1.0V to reset the device (both registers and I2C-bus state machine).
PI5USB30216D connects current sources to CC1 and CC2 when operating in host mode. It will also set the current level
according to the charging current setting. In device mode, PI5USB30216D will connect two integrated resistor Rd1 and Rd2 to
CC1 and CC2 respectively.
Dual-Role & Dual-Role 2 modes enables CC1 and CC2 toggle between host mode and device mode alternatively. The toggling
will stop after connection is made and role negotiated. Dual-Role mode has similar chances to connect as SRC or SNK. Dual-Role
2 with Try.SNK supported has higher chance to connect as SNK and has a longer duty cycle ~65% in device mode. Dual-Role 2
with Try.SRC supported has higher chance to connect as SRC and has a longer duty cycle ~65% in host mode.
Current Mode Setting and Detection
PI5USB30216D can be configured as different current modes per CC1/CC2 setting. Host mode (or dual role acting as Host)
allows the system to configure between High Current Mode (3A), Medium Current Mode (1.5A) and Default Current Mode.
Different current modes can be set by writing Control Register (0x02). When in Device mode (or dual role acting as device),
CC1/CC2 pins allow the system to detect the host charging capability. The charging capability is reported in CC Status Register
(0x04) which can help the system to configure the charging current accordingly.
ID
When PI5USB30216D is configured as host mode (or dual role acting as host), ID pin will be pulled low when a device is attached
to the type-C connector. The ID pin will work as an interrupt signal to acknowledge system when there is device attachment. It
should be noted the ID pin will not be driven low when an audio or debug accessory is detected, and ID pin will always stay Hi-Z
when port is in device mode.
Audio Adapter Accessory and Debug Accessory Mode
PI5USB30216D can detect audio adapter accessory or debug accessory attachment as per CC1/CC2 setting. This is reported in
CC Status Register (0x04) to help system to configure Audio Adapter Accessory Mode or Debug Accessory Mode accordingly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com