Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MN13821-R Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # MN13821-R
Description  CMOS LSIs for Voltage Detection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN13821-R Datasheet(HTML) 3 Page - Panasonic Semiconductor

  MN13821-R Datasheet HTML 1Page - Panasonic Semiconductor MN13821-R Datasheet HTML 2Page - Panasonic Semiconductor MN13821-R Datasheet HTML 3Page - Panasonic Semiconductor MN13821-R Datasheet HTML 4Page - Panasonic Semiconductor MN13821-R Datasheet HTML 5Page - Panasonic Semiconductor MN13821-R Datasheet HTML 6Page - Panasonic Semiconductor MN13821-R Datasheet HTML 7Page - Panasonic Semiconductor MN13821-R Datasheet HTML 8Page - Panasonic Semiconductor MN13821-R Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
Microcomputer Peripheral LSIs
MN1380 Series
Series Lineup
Output
Package
M type Package
TO-92 type Package
Mini type Package
CMOS output
MN1380
MN1381
MN1382
N-channel open drain output
MN13801
MN13811
MN13821
Inverted CMOS output
MN13802
MN13812
MN13822
Detection Ranks (on Voltage)
Rank
Detection Voltage for Drop in Power Supply Voltage (VDL)
Unit
Detection Voltage Hysteresis Width (
∆VD)
Unit
min
max
min
max
C
2.0
2.2
D
2.1
2.3
E
2.2
2.4
V
50
300
mV
F
2.3
2.5
G
2.4
2.6
H
2.5
2.7
J
2.6
2.9
V
50
300
mV
K
2.8
3.1
L
3.0
3.3
M
3.2
3.5
N
3.4
3.7
P
3.6
3.9
Q
3.8
4.1
V
100
300
mV
R
4.0
4.3
S
4.2
4.5
T
4.4
4.7
U
4.6
4.9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com