Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MN13821-R Datasheet(PDF) 14 Page - Panasonic Semiconductor

Part # MN13821-R
Description  CMOS LSIs for Voltage Detection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN13821-R Datasheet(HTML) 14 Page - Panasonic Semiconductor

Back Button MN13821-R Datasheet HTML 10Page - Panasonic Semiconductor MN13821-R Datasheet HTML 11Page - Panasonic Semiconductor MN13821-R Datasheet HTML 12Page - Panasonic Semiconductor MN13821-R Datasheet HTML 13Page - Panasonic Semiconductor MN13821-R Datasheet HTML 14Page - Panasonic Semiconductor MN13821-R Datasheet HTML 15Page - Panasonic Semiconductor MN13821-R Datasheet HTML 16Page - Panasonic Semiconductor MN13821-R Datasheet HTML 17Page - Panasonic Semiconductor MN13821-R Datasheet HTML 18Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
14
MN1380 Series
Microcomputer Peripheral LSIs
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
VDD(V)
2.0
1.5
1.0
0.5
–40
–20
0
20
40
60
80
A
V
VSS
OUT
VDD
A
VSS
OUT
VDD
5V
Ambient temperature, Ta (˚C)
Reference Characteristics
The following characteristics curves represent results from a specific sample therefore they do not guarantee the
characteristics for the final product.
Figure 5.a. IDD vs. VDD Characteristic (Rank Q)
Figure 5.b. Measurement Circuit
Figure 6.a. IDD Temperature Characteristic (Rank Q)
Figure 6.b. Measurement Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com