Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MN13821-R Datasheet(PDF) 6 Page - Panasonic Semiconductor

Part # MN13821-R
Description  CMOS LSIs for Voltage Detection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN13821-R Datasheet(HTML) 6 Page - Panasonic Semiconductor

Back Button MN13821-R Datasheet HTML 2Page - Panasonic Semiconductor MN13821-R Datasheet HTML 3Page - Panasonic Semiconductor MN13821-R Datasheet HTML 4Page - Panasonic Semiconductor MN13821-R Datasheet HTML 5Page - Panasonic Semiconductor MN13821-R Datasheet HTML 6Page - Panasonic Semiconductor MN13821-R Datasheet HTML 7Page - Panasonic Semiconductor MN13821-R Datasheet HTML 8Page - Panasonic Semiconductor MN13821-R Datasheet HTML 9Page - Panasonic Semiconductor MN13821-R Datasheet HTML 10Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6
MN1380 Series
Microcomputer Peripheral LSIs
2) AC Characteristics
VSS=0V, Ta=25˚C
Parameter
Symbol
Conditions
Allowable Value (typ)
Unit
MN1380
MN13801
MN13802
MN1381
MN13811
MN13812
Rank
MN1382
MN13821
MN13822
C
D
E
3.0
2.5
230.0
F
G
See
H
Reset release time
tOH
Figures
J
3.0
3.0
100.0
µs
2 and 3.
K
L
M
N
P
Q
2.0
4.0
30.0
R
S
T
C
D
E
250.0
160.0
3.0
F
G
See
H
Reset time
tOL
Figures
J
115.0
100.0
3.0
µs
2 and 3.
K
L
M
N
P
Q
15.0
35.0
3.0
R
S
T
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com