Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MN13821-R Datasheet(PDF) 18 Page - Panasonic Semiconductor

Part # MN13821-R
Description  CMOS LSIs for Voltage Detection
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

MN13821-R Datasheet(HTML) 18 Page - Panasonic Semiconductor

Back Button MN13821-R Datasheet HTML 12Page - Panasonic Semiconductor MN13821-R Datasheet HTML 13Page - Panasonic Semiconductor MN13821-R Datasheet HTML 14Page - Panasonic Semiconductor MN13821-R Datasheet HTML 15Page - Panasonic Semiconductor MN13821-R Datasheet HTML 16Page - Panasonic Semiconductor MN13821-R Datasheet HTML 17Page - Panasonic Semiconductor MN13821-R Datasheet HTML 18Page - Panasonic Semiconductor MN13821-R Datasheet HTML 19Page - Panasonic Semiconductor MN13821-R Datasheet HTML 20Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
18
MN1380 Series
Microcomputer Peripheral LSIs
TO-92 Type Package Taping-Specifications (MN1381/MN13811/MN13812)
Name
Symbol
Length (mm)
Adhesive tape width
W0
6.0
±0.5
Feed hole position
W1
9.0
±0.5
Adhesive tape position
W2
0.5 max
Distance to top of product
H
25.0 max
Distance to
H0
19.0
±0.5
bottom of product
Lead clinch height
H1
16.0
±0.5
Feed hole diameter
D0
4.0
±0.2
Tape thickness
t1
0.7
±0.2
Total tape thickness
t2
1.5 max
TO-92 Type Package Taping Dimensions (Ammunition pack)
Name
Symbol
Length (mm)
Product height*
A
5.3 max
Product width*
A1
5.2 max
Product thickness*
T
4.2 max
Lead width*
d
0.45
Taped lead length
l1
2.0 max
Product pitch
P
12.7
±1.0
Feed hole pitch
P0
12.7
±0.3
Feed hole position
P1
6.35
±0.5
Lead spacing
F1, F2
2.5
Product deflection angle
∆h1, ∆h2
2.0 max
Tape width
W
18.0
+1.0
– 0.5
+0.15
– 0.1
+0.5
– 0.2
Figure 13. TO-92 Type Package Taping-Dimensions (Ammunition pack)
Figure 14. Box Dimensions for TO-92 Type Packages with Ammunition pack
WH
D
330
250
41
Unit: mm
P1
P
A1
F1 F2
d
P0
øD0
∆h1
∆h2
0
T
Drawing direction
25 elements (example)
W
D
Leave the space for at
least three elements
Note*1: For further details, see the specifications issued separately.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com