Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFP-100N Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # PFP-100N
Description  The CP1E Programmable Controller: Economical, Easy to use, and Efficient
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

PFP-100N Datasheet(HTML) 1 Page - Omron Electronics LLC

  PFP-100N Datasheet HTML 1Page - Omron Electronics LLC PFP-100N Datasheet HTML 2Page - Omron Electronics LLC PFP-100N Datasheet HTML 3Page - Omron Electronics LLC PFP-100N Datasheet HTML 4Page - Omron Electronics LLC PFP-100N Datasheet HTML 5Page - Omron Electronics LLC PFP-100N Datasheet HTML 6Page - Omron Electronics LLC PFP-100N Datasheet HTML 7Page - Omron Electronics LLC PFP-100N Datasheet HTML 8Page - Omron Electronics LLC PFP-100N Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 54 page
background image
1
CP-series CP1E CPU Units
CP1E-E
@@SD@-@ CP1E-N@@S@D-@-@
CP1E-E
@@D@-@ CP1E-N@@D@-@/NA20D@-@
The CP1E Programmable Controller: Economical, Easy to use, and Efficient
■The E@@(S)-type Basic CPU Units provide cost
performance and easy application with only basic
functionality.
■The N@@(S@) and NA-types Application CPU Units
support Programmable Terminal connection, position
control, and inverter connection
Features
• New CP1E CPU Units now available.
- Lineup including CPU Units with built-in three ports: USB, RS-232C, RS-485.
- The depth of CPU Units with RS-232C connectors is reduced by 20 mm. (N30/40/60S(1))
• Easy connection with computers using commercially available USB cables.
• With E30/40/60(S), N30/40/60(S
@) or NA20 CPU Units, Add I/O, Analog I/O or Temperature Inputs by Connecting
Expansion Units or Expansion I/O Units.
• Input interrupts
• Complete High-speed Counter Functionality.
• Versatile pulse control for Transistor Output for N14/20/30/40/60(S
@) or NA20 CPU Units.
• PWM Outputs for Transistor Output for N14/20/30/40/60(S
@) or NA20 CPU Units.
• Mounting Serial Option Boards, Ethernet Option Board and Analog Option Board to N30/40/60 or NA20 CPU Units.
• Built-in analog I/O, two inputs and one output, for NA-type CPU Units.
Windows is a registered trademark of Microsoft Corporation in the United States and other countries.
Other company names and product names in this document are the trademarks or registered trademarks of their respective companies.
The product photographs and figures that are used in this catalog may vary somewhat from the actual products.
CP1E-E20SDR-A
CP1E-N40S1DR-A
Includes products no longer available to
order. See Ordering Information for details.


Similar Part No. - PFP-100N

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
PFP-100N OMRON-PFP-100N Datasheet
323Kb / 7P
GENERAL PURPOSE RELAY
PFP-100N OMRON-PFP-100N Datasheet
51Kb / 2P
DIN Rail Mounting Track
PFP-100N OMRON-PFP-100N Datasheet
888Kb / 6P
Plug-In Safety Relay
PFP-100N OMRON-PFP-100N Datasheet
1Mb / 36P
Programmable Relay
PFP-100N OMRON-PFP-100N Datasheet
1Mb / 22P
Programmable Controller
More results

Similar Description - PFP-100N

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CP1E-N40DR-A OMRON-CP1E-N40DR-A Datasheet
2Mb / 44P
The CP1E Package PLCs: Economical, Easy to use, and Efficient
logo
International Rectifier
IRDC3837 IRF-IRDC3837 Datasheet
1Mb / 16P
The IR3837 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DC regulator.
IRDC3838 IRF-IRDC3838 Datasheet
1Mb / 16P
The IR3838 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DCregulator.
IRDC3839 IRF-IRDC3839 Datasheet
1Mb / 16P
The IR3839 SupIRBuckTM is an easy-to-use,fully integrated and highly efficient DC/DCregulator.
IRDC3863 IRF-IRDC3863 Datasheet
1,006Kb / 15P
The IR3863 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DC voltage regulator
IRDC3865 IRF-IRDC3865 Datasheet
986Kb / 15P
The IR3865 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DC voltage regulator.
IRDC3871 IRF-IRDC3871 Datasheet
1Mb / 15P
The IR3871 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DC voltage regulator.
IRDC3876 IRF-IRDC3876 Datasheet
1Mb / 15P
The IR3876 SupIRBuckTM is an easy-to-use, fully integrated and highly efficient DC/DC voltage regulator.
logo
Microchip Technology
RN4678 MICROCHIP-RN4678 Datasheet
854Kb / 2P
The Easy-to-Use, Flexible Solution for BLE and Bluetooth Classic Connectivity
10/16
logo
Generalplus Technology ...
GPES216B2 GENERALPLUS-GPES216B2 Datasheet
423Kb / 14P
Easy-to-use SOUNDPLUS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com