Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFP-100N Datasheet(PDF) 13 Page - Omron Electronics LLC

Part # PFP-100N
Description  The CP1E Programmable Controller: Economical, Easy to use, and Efficient
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

PFP-100N Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button PFP-100N Datasheet HTML 9Page - Omron Electronics LLC PFP-100N Datasheet HTML 10Page - Omron Electronics LLC PFP-100N Datasheet HTML 11Page - Omron Electronics LLC PFP-100N Datasheet HTML 12Page - Omron Electronics LLC PFP-100N Datasheet HTML 13Page - Omron Electronics LLC PFP-100N Datasheet HTML 14Page - Omron Electronics LLC PFP-100N Datasheet HTML 15Page - Omron Electronics LLC PFP-100N Datasheet HTML 16Page - Omron Electronics LLC PFP-100N Datasheet HTML 17Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
CP1E-E
@@(S)D@-@ CP1E-N@@(S@)D@-@/NA20D@-@
13
■Software
Note: 1. The E20/30/40(S), N20/N30/N40(S) CPU Units are supported by CX-Programmer version 8.2 or higher.
The E10, E14, N14, N60, and NA20 CPU Units are supported by CX-Programmer version 9.03 or higher. When Micro PLC Edition CX-
Programmer is used, you need version 9.03 or higher.
The E60S CPU Units are supported by CX-Programmer version 9.42 or higher. When Micro PLC Edition CX-Programmer is used, you
need version 9.42 or higher.
2. The CX-One and CX-One Lite cannot be simultaneously installed on the same computer.
* Multi licenses (3, 10, 30, or 50 licenses) and DVD media without licenses are also available for the CX-One.
The following tables lists the Support Software that can be installed from CX-One
Note: For details, refer to the CX-One Catalog (Cat. No. R134).
Unit Versions
Unit Versions and Programming Devices
The following tables show the relationship between unit versions and CX-Programmer versions.
Note: 1. To update the CX-Programmer, the CX-One version 3/version 4 auto-update must be installed.
2. Use the CX-Programmer version 9.12 or higher, when the CP1W-CIF41 is applied.
* 1 A Programming Console cannot be used.
* 2 Supports Smart Input function.
* 3 Does not support Smart Input function.
Programming Devices
Product name
Specifications
Model
Number of
licenses
Media
FA Integrated Tool
Package
CX-One Lite
Ver.4.
@
CX-One Lite is a subset of the complete CX-One package that provides only the Support
Software required for micro PLC applications.
CX-One Lite runs on the following OS.
OS: Windows 7 (32-bit/64-bit version) / Windows 8 (32-bit/64-bit version) / Windows 8.1 (32-
bit/64-bit version) / Windows 10 (32-bit/64-bit version)
CX-One Lite Ver. 4.
@ includes Micro PLC Edition CX-Programmer Ver.9.@.
1 license
DVD
CXONE-LT01D-V4
FA Integrated Tool
Package
CX-One
Package Ver. 4.
@
CX-One is a comprehensive software package that integrates Support Software for OMRON
PLCs and components. CX-One runs on the following OS.
OS: Windows 7 (32-bit/64-bit version) / Windows 8 (32-bit/64-bit version) / Windows 8.1 (32-
bit/64-bit version) / Windows 10 (32-bit/64-bit version)
CX-One Ver. 4.
@ includes CX-Programmer Ver. 9.@.
1 license
*
DVD
CXONE-AL01D-V4
Support Software in CX-One
CX-One Lite
Ver.4.
@
CX-One
Ver.4.
@
Support Software in CX-One
CX-One Lite
Ver.4.
@
CX-One
Ver.4.
@
Micro PLC Edition CX-Programmer
Ver.9.
@
Yes
No
CX-Drive
Ver.1.
@
Yes
Yes
CX-Programmer
Ver.9.
@
No
Yes
CX-Process Tool
Ver.5.
@
No
Yes
CX-Integrator
Ver.2.
@
Yes
Yes
Faceplate Auto-Builder for NS
Ver.3.
@
No
Yes
Switch Box Utility
Ver.1.
@
Yes
Yes
CX-Designer
Ver.3.
@
Yes
Yes
CX-Protocol
Ver.1.
@
No
Yes
NV-Designer
Ver.1.
@
Yes
Yes
CX-Simulator
Ver.1.
@
Yes
Yes
CX-Thermo
Ver.4.
@
Yes
Yes
CX-Position
Ver.2.
@
No
Yes
CX-ConfiguratorFDT
Ver.1.
@
Yes
Yes
CX-Motion-NCF
Ver.1.
@
No
Yes
CX-FLnet
Ver.1.
@
No
Yes
CX-Motion-MCH
Ver.2.
@
No
Yes
Network Configurator
Ver.3.
@
Yes
Yes
CX-Motion
Ver.2.
@
No
Yes
CX-Server
Ver.4.
@
Yes
Yes
Units
Model numbers
Unit version
CP1E CPU Units
CP1E-E
@@SDR-A
CP1E-N
@@S@D@-@
CP1E-E
@@D@-@
CP1E-N
@@D@-@
CP1E-NA
@@D@-@
Unit version 1.
@
CPU Unit
Functions
Required Programming Device
*1
CX-Programmer
Micro PLC Edition CX-Programmer
CX-
Programmer
for CP1E
Ver.8.2 or
higher
Ver.9.03
or higher
Ver.9.42
or higher
Ver.8.2 or
higher
Ver.9.03
or higher
Ver.9.42
or higher
Ver.1.0
CP1E-E20/30/40(S)D
@-A
CP1E-N20/30/40(S
@)D@-@
Unit version 1.
@
functions
Yes
*3
Yes
*2
Yes
*2
Yes
*3
Yes
*2
Yes
*2
Yes
*2
CP1E-E10D
@-@
CP1E-
@14(S)D@-@
CP1E-N60(S
@)D@-@
CP1E-NA20D
@-@
Unit version 1.
@
functions
No
Yes
*2
Yes
*2
No
Yes
*2
Yes
*2
No
CP1E-E60SDR-A
Unit version 1.
@
functions
No
No
Yes
*2
No
No
Yes
*2
No



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com