Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFP-100N Datasheet(PDF) 39 Page - Omron Electronics LLC

Part # PFP-100N
Description  The CP1E Programmable Controller: Economical, Easy to use, and Efficient
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

PFP-100N Datasheet(HTML) 39 Page - Omron Electronics LLC

Back Button PFP-100N Datasheet HTML 35Page - Omron Electronics LLC PFP-100N Datasheet HTML 36Page - Omron Electronics LLC PFP-100N Datasheet HTML 37Page - Omron Electronics LLC PFP-100N Datasheet HTML 38Page - Omron Electronics LLC PFP-100N Datasheet HTML 39Page - Omron Electronics LLC PFP-100N Datasheet HTML 40Page - Omron Electronics LLC PFP-100N Datasheet HTML 41Page - Omron Electronics LLC PFP-100N Datasheet HTML 42Page - Omron Electronics LLC PFP-100N Datasheet HTML 43Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 54 page
background image
CP1E-E
@@(S)D@-@ CP1E-N@@(S@)D@-@/NA20D@-@
39
Analog Option Board
An analog option board can be added to the CP1E-N/NA
@@.
Note: 1. Can be used for the CP1E-N/NA
@@ version 1.2 or later.
2. Analog boards can not be used for E
@@-type and N@@S(1)-type.
Specifications of Analog Option Board
●CP1W-ADB21
●CP1W-DAB21V
●CP1W-MAB221
CP1E N30/40/60
or NA20 CPU Unit
CP1W-DAB21V
Analog Output
Option Board
CP1W-MAB221
Analog Input/Output
Option Board
CP1W-ADB21
Analog Input
Option Board
Built-in
RS-232C port
Item
Specifications
Voltage Input
Current Input
Input signal range
0 to 10 VDC
0 to 20 mA
Max. rated input
0 to 15 VDC
0 to 30 mA
External input impedance
200 k
Ω min.
Approx. 250
Ω
Resolution
1/4000 (full scale)
1/2000 (full scale)
Overall
accuracy
25
°C
0.5% full scale
0.6% full scale
0 to 55
°C
1.0% full scale
1.2% full scale
A/D conversion data
0000 to 0FA0 Hex
0000 to 07D0 Hex
Averaging function
None
Isolation method
No isolation between analog I/O terminals and
internal circuits.
Current consumption
5 VDC: 20 mA max.
Item
Specifications
Voltage Output
Current Output
Output signal range
0 to 10 VDC
---
External output allowable
load resistance
2 k
Ω min.
---
External output impedance
0.5
Ω max.
---
Resolution
1/4000 (full scale)
---
Overall
accuracy
25
°C
0.5% full scale
---
0 to 55
°C
1.0% full scale
---
Set data (D/A conversion)
0000 to 0FA0 Hex
---
Isolation method
No isolation between analog I/O terminals and
internal circuits.
Current consumption
5 VDC: 60 mA max.
Item
Specifications
Voltage I/O
Current I/O
Analog Input Section
Input signal range
0 to 10 VDC
0 to 20 mA
Max. rated input
0 to 15 VDC
0 to 30 mA
External input impedance
200 k
Ω min.
Approx. 250
Ω
Resolution
1/4000 (full scale)
1/2000 (full scale)
Overall
accuracy
25
°C
0.5% full scale
0.6% full scale
0 to 55
°C
1.0% full scale
1.2% full scale
A/D conversion data
0000 to 0FA0 Hex
0000 to 07D0 Hex
Averaging function
None
Analog Output Section
Output signal range
0 to 10 VDC
---
External output allowable
load resistance
2 k
Ω min.
---
External output impedance
0.5
Ω max.
---
Resolution
1/4000 (full scale)
---
Overall
accuracy
25
°C
0.5% full scale
---
0 to 55
°C
1.0% full scale
---
Set data (D/A conversion)
0000 to 0FA0 Hex
---
Isolation method
No isolation between analog I/O terminals and internal circuits.
Current consumption
5 VDC: 80 mA max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com