Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFP-100N Datasheet(PDF) 10 Page - Omron Electronics LLC

Part # PFP-100N
Description  The CP1E Programmable Controller: Economical, Easy to use, and Efficient
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

PFP-100N Datasheet(HTML) 10 Page - Omron Electronics LLC

Back Button PFP-100N Datasheet HTML 6Page - Omron Electronics LLC PFP-100N Datasheet HTML 7Page - Omron Electronics LLC PFP-100N Datasheet HTML 8Page - Omron Electronics LLC PFP-100N Datasheet HTML 9Page - Omron Electronics LLC PFP-100N Datasheet HTML 10Page - Omron Electronics LLC PFP-100N Datasheet HTML 11Page - Omron Electronics LLC PFP-100N Datasheet HTML 12Page - Omron Electronics LLC PFP-100N Datasheet HTML 13Page - Omron Electronics LLC PFP-100N Datasheet HTML 14Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 54 page
background image
CP1E-E
@@(S)D@-@ CP1E-N@@(S@)D@-@/NA20D@-@
10
* Product no longer available to order.
■Battery Set
■Option Board (for CP1E N30/40/60 or NA20 CPU Units)
The Options cannot be used for CP1E N14/20, N30/40/60S(1), E10/14/20/30/40/60(S) CPU Units.
Note: It is not possible to use a CP-series Ethernet Option Board version 1.0 (CP1W-CIF41), LCD Option Board (CP1W-DAM01), or Memory Card
(CP1W-ME05M) with a CP1E CPU Unit.
* Support is provided with CP1E CPU Unit version 1.2 and later.
N
@@-type CPU Units
with 60 I/O Points
100 to 240
VAC
36
24
Relay
8K
steps
8K
words
0.30
0.21
0.13
CP1E-N60DR-A
*
Transistor
(sinking)
0.30
0.31
0.02
CP1E-N60DT-A
*
Transistor
(sourcing)
0.30
0.31
0.02
CP1E-N60DT1-A
*
24 VDC
Relay
--
0.21
0.13
CP1E-N60DR-D
*
Transistor
(sinking)
--
0.31
0.02
CP1E-N60DT-D
*
Transistor
(sourcing)
--
0.31
0.02
CP1E-N60DT1-D
*
NA-type CPU Units
with 20 I/O Points
(Built-in analog)
100 to 240
VAC
12
(Built-in
analog
inputs: 2)
8
(Built-in
analog
outputs: 1)
Relay
8K
steps
8K
words
0.30
0.18
0.11
CP1E-NA20DR-A
24 VDC
Transistor
(sinking)
--
0.23
0.09
CP1E-NA20DT-D
Transistor
(sourcing)
--
0.23
0.09
CP1E-NA20DT1-D
Optional Products
Product name
Specifications
Model
Battery Set
For N/NA
@@(S@)-type CP1E CPU Units
Note: Mount a Battery to an N/NA
@@(S@)-type CPU Unit if the data in the following areas must
be backed up for power interruptions.
• DM Area (D) (except backed up words in the DM Area), Holding Area (H), Counter Completion Flags (C),
Counter Present Values (C), Auxiliary Area (A), and Clock Function
(Use batteries within two years of manufacture.)
CP1W-BAT01
Product name
Specifications
Model
RS-232C Option Board
One RS-232C Option Board can be mounted to the Option Board slot.
CP1W-CIF01
RS-422A/485 Option Board
One RS-422A/485 Option Board can be mounted to the Option Board slot.
CP1W-CIF11
RS-422A/485 Isolated-type Option Board
CP1W-CIF12-V1
Ethernet Option Board
One Ethernet Option Board can be mounted to the Option Board slot.
CP1E CPU Units are supported by CP1W-CIF41 version 2.0 or higher.
When using CP1W-CIF41, CX-Programmer version 9.12 or higher is required.
CP1W-CIF41
Analog Input Option Board
Can be mounted in CPU Unit Option Board slot.
2 analog inputs. 0-10V(Resolution:1/4000), 0-20mA (Resolution:1/2000).
CP1W-ADB21
*
Analog Output Option Board
Can be mounted in CPU Unit Option Board slot.
2 analog outputs. 0-10V (Resolution:1/4000).
CP1W-DAB21V
*
Analog I/O Option Board
Can be mounted in CPU Unit Option Board slot.
2 analog inputs. 0-10V(Resolution:1/4000), 0-20mA(Resolution:1/2000).
2 analog outputs. 0-10V (Resolution:1/4000).
CP1W-MAB221
*
Product name
Specifications
External
power
supply
(24 VDC)
(A)
Current
consumption (A)
Model
Power
Supply
Inputs
Outputs
Output
type
Program
capacity
Data
memory
capacity
5 V
24 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com