Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP32-S2 Datasheet(PDF) 21 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-S2
Description  SoC with Xtensa® SingleCore 32bit LX7 Microprocessor Supporting IEEE 802.11b/g/n (2.4 GHz WiFi)
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-S2 Datasheet(HTML) 21 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-S2 Datasheet HTML 17Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S2 Datasheet HTML 18Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S2 Datasheet HTML 19Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S2 Datasheet HTML 20Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S2 Datasheet HTML 21Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S2 Datasheet HTML 22Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S2 Datasheet HTML 23Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S2 Datasheet HTML 24Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S2 Datasheet HTML 25Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
3
Functional Description
3.2.1 CPU Clock
The CPU clock has four possible sources:
• external 40 MHz crystal clock
• internal 8 MHz oscillator
• PLL clock
• audio PLL clock
The application can select the clock source from the external crystal clock source, the PLL clock, the audio PLL
clock, or the internal 8 MHz oscillator. The selected clock source drives the CPU clock directly, or after division,
depending on the application.
Note:
ESP32-S2 is unable to operate without an external crystal clock.
3.2.2 RTC Clock
The RTC slow clock has three possible sources:
• external low-speed (32 kHz) crystal clock
• internal RC oscillator (typically about 90 kHz, and adjustable)
• internal 31.25 kHz clock (derived from the internal 8 MHz oscillator divided by 256)
The RTC fast clock has two possible sources:
• external divide-by-4 crystal clock
• internal divide-by-N oscillator of 8 MHz
The RTC slow clock is used for RTC counter, RTC watchdog and low-power controller; while the RTC fast clock
for RTC peripherals and sensing controllers.
3.2.3 Audio PLL Clock
The audio clock is generated by the low-noise fractional-N PLL.
3.3 Analog Peripherals
3.3.1 Analog­to­Digital Converter (ADC)
ESP32-S2 integrates two 13-bit SAR ADCs and supports measurements on 20 channels (analog-enabled pins).
The ULP-coprocessor in ESP32-S2 is also designed to measure voltage. The ULP can operate while the main
CPU is in Deep-sleep mode, which lowers the total power consumption. By using threshold settings, and / or via
other triggers or events, we can interrupt the CPU from the sleep state.
The ADCs can be configured to measure voltage on up to 20 pins.
For ADC characteristics, please refer to Table 12.
Espressif Systems
21
Submit Documentation Feedback
ESP32-S2 Series Datasheet v1.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com