Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP32-S2 Datasheet(PDF) 30 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-S2
Description  SoC with Xtensa® SingleCore 32bit LX7 Microprocessor Supporting IEEE 802.11b/g/n (2.4 GHz WiFi)
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-S2 Datasheet(HTML) 30 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-S2 Datasheet HTML 26Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S2 Datasheet HTML 27Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S2 Datasheet HTML 28Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S2 Datasheet HTML 29Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S2 Datasheet HTML 30Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S2 Datasheet HTML 31Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S2 Datasheet HTML 32Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S2 Datasheet HTML 33Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S2 Datasheet HTML 34Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 51 page
background image
3
Functional Description
• able to read real-time value of the time-base counter
• halting and resuming the time-base counter
• programmable alarm generation
• timer value reload (Auto-reload at alarm or software-controlled instant reload)
• level and edge interrupt generation
3.7.2 Watchdog Timers
The ESP32-S2 contains three watchdog timers: one in each of the two timer groups (called Main System
Watchdog Timers, or MWDT) and one in the RTC Module (called the RTC Watchdog Timer, or RWDT). Each
watchdog timer allows for four separately configurable stages and each stage can be programmed to take one of
three (or four for RWDT) actions upon expiry, unless the watchdog is fed or disabled. The actions upon expiry
are: interrupt, CPU reset, core reset and system reset. Only RWDT can trigger a system reset that will reset the
entire digital circuits, which is the main system including the RTC itself. A timeout value can be set for each stage
individually.
During the flash boot process, RWDT and the first MWDT are enabled automatically in order to detect and
recover from booting errors.
Watchdog timers have the following features:
• four stages, each with a programmable timeout value. Each stage can be configured and enabled/disabled
separately
• one of three/four (for MWDTs/ RWDT) possible actions (interrupt, CPU reset, core reset and system reset)
available upon expiry of each stage
• 32-bit expiry counter
• write protection, to prevent RWDT and MWDT configuration from being altered inadvertently
• flash boot protection
If the boot process from an SPI flash does not complete within a predetermined period of time, the
watchdog will reboot the entire main system.
3.8 Cryptographic Hardware Accelerators
ESP32-S2 is equipped with hardware accelerators of general algorithms, such as AES (FIPS PUB 197),
ECB/CBC/OFB/CFB/CTR (NIST SP 800-38A), GCM (NIST SP 800-38D), SHA (FIPS PUB 180-4), and RSA,
which support independent arithmetic, such as Big Integer Multiplication and Big Integer Modular Multiplication.
The maximum operation length for RSA, Big Integer Multiplication and Big Integer Modular Multiplication is 4096
bits. The maximum factor length for Big Integer Multiplication is 2048 bits.
3.9 Physical Security Features
• Transparent external flash and RAM encryption (AES-XTS) with software inaccessible key prevents
unauthorized readout of user application code or data.
• Secure Boot feature uses a hardware root of trust to ensure only signed firmware (with RSA-PSS signature)
can be booted.
Espressif Systems
30
Submit Documentation Feedback
ESP32-S2 Series Datasheet v1.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com