Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP32-S2 Datasheet(PDF) 22 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-S2
Description  SoC with Xtensa® SingleCore 32bit LX7 Microprocessor Supporting IEEE 802.11b/g/n (2.4 GHz WiFi)
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-S2 Datasheet(HTML) 22 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-S2 Datasheet HTML 18Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S2 Datasheet HTML 19Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S2 Datasheet HTML 20Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S2 Datasheet HTML 21Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S2 Datasheet HTML 22Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S2 Datasheet HTML 23Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S2 Datasheet HTML 24Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S2 Datasheet HTML 25Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S2 Datasheet HTML 26Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 51 page
background image
3
Functional Description
3.3.2 Digital­to­Analog Converter (DAC)
ESP32-S2 has two 8-bit DAC channels that convert two digital signals into two analog voltage signal outputs.
The two DAC channels support independent conversions. The design structure is composed of integrated
resistor strings and a buffer. This dual DAC supports VDD3P3_RTC_IO power supply as input voltage
reference.
3.3.3 Temperature Sensor
The temperature sensor generates a voltage that varies with temperature. The voltage is internally converted via
an ADC into a digital value.
The temperature sensor has a range of –20 °C to 110 °C. It is designed primarily to sense the temperature
changes inside the chip. The temperature value depends on factors like microcontroller clock frequency or I/O
load. Generally, the chip’s internal temperature is higher than the ambient operating temperature.
3.3.4 Touch Sensor
ESP32-S2 has 14 capacitive-sensing GPIOs, which detect variations induced by touching or approaching the
GPIOs with a finger or other objects. The low-noise nature of the design and the high sensitivity of the circuit
allow relatively small pads to be used. Arrays of pads can also be used, so that a larger area or more points can
be detected. The touch sensing performance can be further enhanced by the waterproof design and digital
filtering feature. The 14 capacitive-sensing GPIOs are listed in Table 5.
Table 5: Capacitive­Sensing GPIOs Available on ESP32­S2
Capacitive­sensing signal name
Pin name
TOUCH1
GPIO1
TOUCH2
GPIO2
TOUCH3
GPIO3
TOUCH4
GPIO4
TOUCH5
GPIO5
TOUCH6
GPIO6
TOUCH7
GPIO7
TOUCH8
GPIO8
TOUCH9
GPIO9
TOUCH10
GPIO10
TOUCH11
GPIO11
TOUCH12
GPIO12
TOUCH13
GPIO13
TOUCH14
GPIO14
Espressif Systems
22
Submit Documentation Feedback
ESP32-S2 Series Datasheet v1.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com