Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP32-S2 Datasheet(PDF) 39 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32-S2
Description  SoC with Xtensa® SingleCore 32bit LX7 Microprocessor Supporting IEEE 802.11b/g/n (2.4 GHz WiFi)
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32-S2 Datasheet(HTML) 39 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32-S2 Datasheet HTML 35Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S2 Datasheet HTML 36Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S2 Datasheet HTML 37Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S2 Datasheet HTML 38Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S2 Datasheet HTML 39Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S2 Datasheet HTML 40Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S2 Datasheet HTML 41Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S2 Datasheet HTML 42Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32-S2 Datasheet HTML 43Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
4
Electrical Characteristics
4.8 Wi­Fi Radio
4.8.1 Transmitter Characteristics
Table 17: Transmitter Characteristics
Parameter
Rate
Typ
Unit
TX Power
11b, 1 Mbps
19.5
dBm
11b, 11 Mbps
19.5
11g, 6 Mbps
18
11g, 54 Mbps
15
11n, HT20, MCS0
18
11n, HT20, MCS7
13
11n, HT40, MCS0
18
11n, HT40, MCS7
13
4.8.2 Receiver Characteristics
Table 18: Receiver Characteristics
Parameter
Rate
Typ
Unit
RX Sensitivity
1 Mbps
–97
dBm
2 Mbps
–95
5.5 Mbps
–93
11 Mbps
–88
6 Mbps
–92
9 Mbps
–91
12 Mbps
–89
18 Mbps
–87
24 Mbps
–84
36 Mbps
–80
48 Mbps
–76
54 Mbps
–75
11n, HT20, MCS0
–92
11n, HT20, MCS1
–88
11n, HT20, MCS2
–85
11n, HT20, MCS3
–83
11n, HT20, MCS4
–79
11n, HT20, MCS5
–75
11n, HT20, MCS6
–74
11n, HT20, MCS7
–72
11n, HT40, MCS0
–89
11n, HT40, MCS1
–86
11n, HT40, MCS2
–83
11n, HT40, MCS3
–80
11n, HT40, MCS4
–76
11n, HT40, MCS5
–72
Espressif Systems
39
Submit Documentation Feedback
ESP32-S2 Series Datasheet v1.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com