Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP32C3 Datasheet(PDF) 2 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32C3
Description  UltraLowPower SoC with RISCV SingleCore CPU
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32C3 Datasheet(HTML) 2 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

  ESP32C3 Datasheet HTML 1Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 2Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 3Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 4Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 5Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 6Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 7Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 8Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 9Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 44 page
background image
Product Overview
ESP32-C3 series of SoCs is an ultra-low-power and highly-integrated MCU-based solution that supports 2.4
GHz Wi-Fi and Bluetooth® Low Energy (Bluetooth LE). The block diagram of ESP32-C3 is shown below.
Core System
Wireless MAC and
Baseband
Wi-Fi MAC
Wi-Fi
Baseband
Bluetooth LE
Link Controller
Bluetooth LE
Baseband
2.4 GHz Balun + Switch
RF Phase Lock Loop
RF
Security
RISC-V
32-bit
Microprocessor
JTAG
Cache
Flash
Encryption
Peripherals
Espressif’s ESP32-C3 Wi-Fi + Bluetooth® Low Energy SoC
ROM
SRAM
RSA
RNG
Digital
Signature
SHA
AES
HMAC
Secure
Boot
USB Serial/
JTAG
GPIO
UART
TWAI®
General-purpose Timers
I2S
I2C
Pulse Counter
LED PWM
Camera
Interface
SPI0/1
RMT
SPI2
DIG ADC
Controller
System Timers
RTC GPIO
Temperature
Sensor
RTC
Memory
RTC
Watchdog
Timer
PMU
RTC
⚙
⚙
⚙
⚙
⚙
⚙
⚙
Modules having power in specific power modes:
Active
Active and Modem-sleep
All modes
Active, Modem-sleep, and Light-sleep;
optional in Light-sleep
⚙
GDMA
LCD
Interface
⚙
Watchdog
Timers
Figure 1: Block Diagram of ESP32­C3
Solution Highlights
•
A complete Wi­Fi subsystem that complies
with IEEE 802.11b/g/n protocol and supports
Station mode, SoftAP mode, SoftAP + Station
mode, and promiscuous mode
•
A Bluetooth LE subsystem that supports
features of Bluetooth 5 and Bluetooth mesh
•
32­bit RISC­V single­core processor with a
four-stage pipeline that operates at up to 160
MHz
•
State­of­the­art power and RF performance
•
Storage capacities ensured by 400 KB of
SRAM (16 KB for cache) and 384 KB of ROM on
the chip, and SPI, Dual SPI, Quad SPI, and QPI
interfaces that allow connection to external flash
•
Reliable security features ensured by
– Cryptographic hardware accelerators that
support AES-128/256, Hash, RSA, HMAC,
digital signature and secure boot
– Random number generator
– Permission control on accessing internal
Espressif Systems
2
Submit Documentation Feedback
ESP32-C3 Series Datasheet v1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com