Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP32C3 Datasheet(PDF) 36 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32C3
Description  UltraLowPower SoC with RISCV SingleCore CPU
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32C3 Datasheet(HTML) 36 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32C3 Datasheet HTML 32Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 33Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 34Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 35Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 36Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 37Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 38Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 39Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 40Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
4
Electrical Characteristics
4.9.1 Bluetooth LE RF Transmitter (TX) Specifications
Table 26: Transmitter Characteristics ­ Bluetooth LE 1 Mbps
Parameter
Description
Min
Typ
Max
Unit
RF transmit power
RF power control range
–27.00
0
18.00
dBm
Gain control step
—
3.00
—
dB
Carrier frequency offset and drift
Max
|fn|
n=0, 1, 2, ..k
—
17.00
—
kHz
Max
|f0 − fn|
—
1.75
—
kHz
Max
|fn − fn−5|
—
1.46
—
kHz
|f1 − f0|
—
0.80
—
kHz
Modulation characteristics
∆ f 1avg
—
250.00
—
kHz
Min ∆ f 2max (for at least
99.9% of all ∆ f 2max)
—
190.00
—
kHz
∆ f 2avg/∆ f 1avg
—
0.83
—
—
In-band spurious emissions
± 2 MHz offset
—
–37.62
—
dBm
± 3 MHz offset
—
–41.95
—
dBm
± > 3 MHz offset
—
–44.48
—
dBm
Table 27: Transmitter Characteristics ­ Bluetooth LE 2 Mbps
Parameter
Description
Min
Typ
Max
Unit
RF transmit power
RF power control range
–27.00
0
18.00
dBm
Gain control step
—
3.00
—
dB
Carrier frequency offset and drift
Max
|fn|
n=0, 1, 2, ..k
—
20.80
—
kHz
Max
|f0 − fn|
—
1.30
—
kHz
Max
|fn − fn−5|
—
1.33
—
kHz
|f1 − f0|
—
0.70
—
kHz
Modulation characteristics
∆ f 1avg
—
498.00
—
kHz
Min ∆ f 2max (for at least
99.9% of all ∆ f 2max)
—
430.00
—
kHz
∆ f 2avg/∆ f 1avg
—
0.93
—
—
In-band spurious emissions
± 4 MHz offset
—
–43.55
—
dBm
± 5 MHz offset
—
–45.26
—
dBm
± > 5 MHz offset
—
–45.26
—
dBm
Table 28: Transmitter Characteristics ­ Bluetooth LE 125 Kbps
Parameter
Description
Min
Typ
Max
Unit
RF transmit power
RF power control range
–27.00
0
18.00
dBm
Gain control step
—
3.00
—
dB
Carrier frequency offset and drift
Max
|fn|
n=0, 1, 2, ..k
—
17.50
—
kHz
Max
|f0 − fn|
—
0.45
—
kHz
|fn − fn−3|
—
0.70
—
kHz
|f0 − f3|
—
0.30
—
kHz
Cont’d on next page
Espressif Systems
36
Submit Documentation Feedback
ESP32-C3 Series Datasheet v1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com