Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP32C3 Datasheet(PDF) 21 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32C3
Description  UltraLowPower SoC with RISCV SingleCore CPU
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32C3 Datasheet(HTML) 21 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32C3 Datasheet HTML 17Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 18Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 19Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 20Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 21Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 22Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 23Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 24Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 25Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
3
Functional Description
– In slave mode, the clock frequency is 60 MHz at most, and the four modes of SPI transfer format are
also supported.
The mapping between SPI bus signals and GPIO pins is shown in Table 8:
Table 8: Mapping of SPI Signals and Chip Pads
Full­Duplex
Half­Duplex
Chip Pin Signal
SPI Signal
SPI Signal
Pin Function
FSPI Signals
MOSI
MOSI
D
FSPID
MISO
(MISO)
Q
FSPIQ
CS
CS
CS
FSPICS0
~ 5
CLK
CLK
CLK
FSPICLK
—
—
WP
FSPIWP
—
—
HD
FSPIHD
In most cases, the data port connection between ESP32-C3 and external flash is as follows:
Table 9: Connection Between ESP32­C3 and External Flash
External Flash Data Port
Chip Pin
SPI Single­Line Mode
SPI Two­Line Mode
SPI Four­Line Mode
SPID (SPID)
DI
IO0
IO0
SPIQ (SPIQ)
DO
IO1
IO1
SPIWP (SPIWP)
WP#
—
IO2
SPIHD (SPIHD)
HOLD#
—
IO3
3.4.3 Universal Asynchronous Receiver Transmitter (UART)
ESP32-C3 has two UART interfaces, i.e. UART0 and UART1, which support IrDA and asynchronous
communication (RS232 and RS485) at a speed of up to 5 Mbps. The UART controller provides hardware flow
control (CTS and RTS signals) and software flow control (XON and XOFF). Both UART interfaces connect to
GDMA via UHCI0, and can be accessed by the GDMA controller or directly by the CPU.
3.4.4 I2C Interface
ESP32-C3 has an I2C bus interface which is used for I2C master mode or slave mode, depending on your
configuration. The I2C interface supports:
• standard mode (100 Kbit/s)
• fast mode (400 Kbit/s)
• up to 800 Kbit/s (constrained by SCL and SDA pull-up strength)
• 7-bit and 10-bit addressing mode
• double addressing mode
• 7-bit broadcast address
You can configure instruction registers to control the I2C interface for more flexibility.
Espressif Systems
21
Submit Documentation Feedback
ESP32-C3 Series Datasheet v1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com