Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP32C3 Datasheet(PDF) 13 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP32C3
Description  UltraLowPower SoC with RISCV SingleCore CPU
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP32C3 Datasheet(HTML) 13 Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Back Button ESP32C3 Datasheet HTML 9Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 10Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 11Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 12Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 13Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 14Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 15Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 16Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. ESP32C3 Datasheet HTML 17Page - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 44 page
background image
2
Pin Definition
3.
VDDA,
VDD3P3,
VDD3P3_RTC,
VDD3P3_CPU
CHIP_EN
t0
t1
V
IL_nRST
2.8 V
Figure 5: ESP32­C3 Power­up and Reset Timing
Table 3: Description of ESP32­C3 Power­up and Reset Timing Parameters
Min
Parameter
Description
(µs)
t0
Time between bringing up the VDDA, VDD3P3, VDD3P3_RTC, and
VDD3P3_CPU rails, and activating CHIP_EN
50
t1
Duration of CHIP_EN signal level < VIL_nRST (refer to its value in
Table 14) to reset the chip
50
2.4 Strapping Pins
ESP32-C3 has three strapping pins:
• GPIO2
• GPIO8
• GPIO9
Software can read the values of GPIO2, GPIO8 and GPIO9 from GPIO_STRAPPING field in GPIO_STRAP_REG
register. For register description, please refer to Section GPIO Matrix Register Summary in
ESP32-C3 Technical Reference Manual.
During the chip’s system reset, the latches of the strapping pins sample the voltage level as strapping bits of ”0”
or ”1”, and hold these bits until the chip is powered down or shut down.
Types of system reset include:
• power-on reset
• RTC watchdog reset
• brownout reset
• analog super watchdog reset
• crystal clock glitch detection reset
By default, GPIO9 is connected to the internal weak pull-up resistor. If GPIO9 is not connected or connected to
an external high-impedance circuit, the latched bit value will be ”1”
Espressif Systems
13
Submit Documentation Feedback
ESP32-C3 Series Datasheet v1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com