Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2908 Datasheet(PDF) 6 Page - AMtek SEMICONDUCTORS CO., LTD

Part # AM2908
Description  One Channel H-Bridge DrMOS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD

AM2908 Datasheet(HTML) 6 Page - AMtek SEMICONDUCTORS CO., LTD

Back Button AM2908 Datasheet HTML 2Page - AMtek SEMICONDUCTORS CO., LTD AM2908 Datasheet HTML 3Page - AMtek SEMICONDUCTORS CO., LTD AM2908 Datasheet HTML 4Page - AMtek SEMICONDUCTORS CO., LTD AM2908 Datasheet HTML 5Page - AMtek SEMICONDUCTORS CO., LTD AM2908 Datasheet HTML 6Page - AMtek SEMICONDUCTORS CO., LTD AM2908 Datasheet HTML 7Page - AMtek SEMICONDUCTORS CO., LTD AM2908 Datasheet HTML 8Page - AMtek SEMICONDUCTORS CO., LTD AM2908 Datasheet HTML 9Page - AMtek SEMICONDUCTORS CO., LTD AM2908 Datasheet HTML 10Page - AMtek SEMICONDUCTORS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
AM2908
Motor Driver ICs
AMtek semiconductors
July. 2020 V0.2
- 6 -
Application circuit
Circuit Descriptions
1. C1、C2: Power supply PVCC/VCC pin capacitor:
a) The capacitor can reduce the power spike when the motor is in motion. To avoid the IC directly
damaged by the PVCC/VCC peak voltage. It also can stabilize the power supply voltage and reduce its
ripples.
b) The C1 capacitor can compensate power when motor starts running.
c) The capacitor value (μF) determines the stability of the PVCC/VCC during motor in motion. In general,
100μF capacitor is enough in low voltage power (PVCC);0.1μF capacitor is enough in low voltage
power (VCC). If the large voltage power or a heavy loading motor is used, then a larger capacitor would
be needed.
d) On the PCB configuration, the C1、C2 must be mounted as close as possible to VCC/PVCC pin
(PIN2/PIN6).
2. In order to use PWM current control, a 100mΩ sense resistor is placed between the PGA/PGB pin and
ground for current sensing purposes. The ground-trace should be as short as possible. For 100mΩ sense
resistors, the ground-trace voltage drops in the PCB can be significant, and should be taken into account.
The sense resistor setting 100mΩ at maximum load. During overcurrent events, this rating may be
exceeded for short durations.
STBY
0.1uF
C2
100
μF
C1
C5
100nF
C4
PVCC
1
2
3
4
12
INB
5
13
14
15
16
STBY
nFAULT
OUTB
OUTB
PGB
VCC
CPB
CPA
VCP
6
PVCC
7
GND
8
PGA
9
OUTA
10
11
OUTA
INA
INB
INA
nFAULT
AM2908
0.1Ω
R1
100nF
10K
R2
3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com