Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2908 Datasheet(PDF) 7 Page - AMtek SEMICONDUCTORS CO., LTD

Part # AM2908
Description  One Channel H-Bridge DrMOS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD

AM2908 Datasheet(HTML) 7 Page - AMtek SEMICONDUCTORS CO., LTD

Back Button AM2908 Datasheet HTML 3Page - AMtek SEMICONDUCTORS CO., LTD AM2908 Datasheet HTML 4Page - AMtek SEMICONDUCTORS CO., LTD AM2908 Datasheet HTML 5Page - AMtek SEMICONDUCTORS CO., LTD AM2908 Datasheet HTML 6Page - AMtek SEMICONDUCTORS CO., LTD AM2908 Datasheet HTML 7Page - AMtek SEMICONDUCTORS CO., LTD AM2908 Datasheet HTML 8Page - AMtek SEMICONDUCTORS CO., LTD AM2908 Datasheet HTML 9Page - AMtek SEMICONDUCTORS CO., LTD AM2908 Datasheet HTML 10Page - AMtek SEMICONDUCTORS CO., LTD AM2908 Datasheet HTML 11Page - AMtek SEMICONDUCTORS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
AM2908
Motor Driver ICs
AMtek semiconductors
July. 2020 V0.2
- 7 -
Operating Mode Descriptions
1) H-Bridge basic operating mode:
a) Forward mode
Definition:When INA=H,INB=L,then OUTA=H,OUTB=L
b) Reverse mode
Definition:When INA=L,INB=H,then OUTA=L,OUTB=H
c) Brake mode
Definition:When INA=INB= H,then
OUTA=OUTB=L
d) Stop mode
Definition:When INA=INB= L,then
OUTA=OUTB=Hi-Z
Q2
M
Q4
ON
OFF
OFF
ON
Q3
Q1
Q2
M
Q4
OFF
ON
ON
OFF
Q3
Q1
Q2
M
Q4
OFF
OFF
ON
ON
Q3
Q1
Q2
M
Q4
OFF
OFF
OFF
OFF
Q3
Q1
a) Forward mode
b) Reverse mode
c) Brake mode
d) Stop mode
Protection Mechanisms Descriptions
1) Thermal shutdown protection (TSD)
If the IC junction temperature exceeds 175℃ (Typ.), the internal overtemperature protection function will
be triggered, all FETs in the H-bridge are disabled, that will ensure the safety of customers' products. If the
IC junction temperature falls to 120℃(Typ.), the IC resumes automatically.
2) Overcurrent protection (OCP)
When the IC conducts a large current, 8.0A (Typ), the internal overcurrent protection function will be
triggered, the H-bridge are disabled (Hiz state). After approximately 5.3ms, the bridge is re-enabled
automatically.
Overcurrent conditions on both high and low-side devices, that is, a short to ground, supply, or across the
motor winding all result in an overcurrent shutdown.
3) nFAULT table
Protection Functionality
Condition
H-Bridge Becomes
nFAULT Becomes
Recovery
Overcurrent (OCP)
IOUT > IOCP(8A)
Disable
Low
T
OCP (5.3ms)
Thermal shutdown(TSD)
TJ > 175℃
Disable
Low
Tj < 120℃
Undervoltage (UVLO)
VCC < 8.7V
Disable
Low
VCC > 9.4V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com