Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2908 Datasheet(PDF) 5 Page - AMtek SEMICONDUCTORS CO., LTD

Part # AM2908
Description  One Channel H-Bridge DrMOS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD

AM2908 Datasheet(HTML) 5 Page - AMtek SEMICONDUCTORS CO., LTD

  AM2908 Datasheet HTML 1Page - AMtek SEMICONDUCTORS CO., LTD AM2908 Datasheet HTML 2Page - AMtek SEMICONDUCTORS CO., LTD AM2908 Datasheet HTML 3Page - AMtek SEMICONDUCTORS CO., LTD AM2908 Datasheet HTML 4Page - AMtek SEMICONDUCTORS CO., LTD AM2908 Datasheet HTML 5Page - AMtek SEMICONDUCTORS CO., LTD AM2908 Datasheet HTML 6Page - AMtek SEMICONDUCTORS CO., LTD AM2908 Datasheet HTML 7Page - AMtek SEMICONDUCTORS CO., LTD AM2908 Datasheet HTML 8Page - AMtek SEMICONDUCTORS CO., LTD AM2908 Datasheet HTML 9Page - AMtek SEMICONDUCTORS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
AM2908
Motor Driver ICs
AMtek semiconductors
July. 2020 V0.2
- 5 -
Pin configuration
Pin Descriptions
Pin No
Name
I/O
Description
1
PGB
-
Power Ground B
2
VCC
-
Power Supply
3
CPB
Pump fly capacitor. Connect a 100nF ceramic capacitor
between there pins
4
CPA
-
5
VCP
-
Charge pump output. Connect a 100nF capacitor to
GND
6
PVCC
-
Power Supply for H-Bridge
7
GND
-
Ground Pin
8
PGA
-
Power Ground A
9, 10
OUTA
O
Output A
11
INA
I
Input terminal A
12
INB
I
Input terminal B
13
STBY
I
Standby Mode setting input
14
nFAULT
O
Low-level indicates UVLO, TSD or OCP fault. Connect to
a pull-up resistor.
15, 16
OUTB
O
Output B
1
2
3
4
12
INB
TOP VIEW
5
13
14
15
16
STBY
nFAULT
OUTB
OUTB
PGB
VCC
CPB
CPA
VCP
6
PVCC
7
GND
8
PGA
9
OUTA
10
11
OUTA
INA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com