Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM2908 Datasheet (PDF) - AMtek SEMICONDUCTORS CO., LTD

AM2908 Datasheet PDF - AMtek SEMICONDUCTORS CO., LTD
Part # AM2908
Download  AM2908 Download
File Size   595.14 Kbytes
Page   13 Pages
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD
Description One Channel H-Bridge DrMOS

AM2908 Datasheet (PDF)

Go To PDF Page Download Datasheet
AM2908 Datasheet PDF - AMtek SEMICONDUCTORS CO., LTD

Part # AM2908
Download  AM2908 Click to download

File Size   595.14 Kbytes
Page   13 Pages
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD
Description One Channel H-Bridge DrMOS

AM2908 Datasheet (HTML) - AMtek SEMICONDUCTORS CO., LTD


AM2908 Product details

Features and Benefits
Lowest RDS(ON) =45mΩ
60V Absolute Maximum Voltage
4.5A Maximum Continuous Current.
Lowest RDS(ON) and Small Package
10~50V Operating Voltage Range
Overcurrent Protection
Thermal Shutdown Protection
Undervoltage Lockout
Fault Indicator Pin
Low Standby Current
Charge Pump Circuit

Application
Massage Chair
Robotic Vacuum
Window Cleaning Robot
Electric Curtain
Electric Linear Actuator
Cobot
Pump(Water / Air)
Power Tool




Similar Part No. - AM2908

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM2901 AMD-AM2901 Datasheet
1Mb / 18P
FOUR-BIT BIPOLAR MICROPROCESSOR SLICE
AM2901B AMD-AM2901B Datasheet
1Mb / 18P
FOUR-BIT BIPOLAR MICROPROCESSOR SLICE
AM2901BDC AMD-AM2901BDC Datasheet
1Mb / 18P
FOUR-BIT BIPOLAR MICROPROCESSOR SLICE
AM2901BDCB AMD-AM2901BDCB Datasheet
1Mb / 18P
FOUR-BIT BIPOLAR MICROPROCESSOR SLICE
AM2901BDM AMD-AM2901BDM Datasheet
1Mb / 18P
FOUR-BIT BIPOLAR MICROPROCESSOR SLICE
More results


Similar Description - AM2908

ManufacturerPart #DatasheetDescription
logo
AMtek SEMICONDUCTORS CO...
AM1016A AMTEK-AM1016A Datasheet
560Kb / 12P
One Channel H-Bridge Motor Driver
Mar. 2021 V1.3
AM1037A AMTEK-AM1037A Datasheet
622Kb / 12P
One Channel H-Bridge Power Driver
Apr. 2016 V0.3
AM1037EA AMTEK-AM1037EA Datasheet
659Kb / 12P
One Channel H-Bridge Power Driver
Apr. 2016 V0.1
AM1058A AMTEK-AM1058A Datasheet
513Kb / 12P
One Channel H-Bridge Power Driver
Nov 2017 V 1.2
AM1096 AMTEK-AM1096 Datasheet
484Kb / 9P
One Channel H-Bridge Power Driver
Oct. 2016 V0.5
AM1107 AMTEK-AM1107 Datasheet
699Kb / 12P
One Channel H-Bridge Power Driver
Apr. 2016 V0.1
AM1107EA AMTEK-AM1107EA Datasheet
599Kb / 12P
One Channel H-Bridge Power Driver
Oct. 2016 V0.1
AM2849 AMTEK-AM2849 Datasheet
577Kb / 12P
One Channel H-Bridge Motor Driver
Nov. 2020 V0.9
AM2878 AMTEK-AM2878 Datasheet
496Kb / 14P
One Channel H-Bridge Motor Driver
Aug. 2020 V1.6
AM4959 AMTEK-AM4959 Datasheet
475Kb / 14P
One Channel H-Bridge Motor Driver
Jan. 2021 V1.8
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com