Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA14531 Datasheet(PDF) 66 Page - Dialog Semiconductor

Part # DA14531
Description  Ultra Low Power Bluetooth 5.1 SoC
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14531 Datasheet(HTML) 66 Page - Dialog Semiconductor

Back Button DA14531 Datasheet HTML 62Page - Dialog Semiconductor DA14531 Datasheet HTML 63Page - Dialog Semiconductor DA14531 Datasheet HTML 64Page - Dialog Semiconductor DA14531 Datasheet HTML 65Page - Dialog Semiconductor DA14531 Datasheet HTML 66Page - Dialog Semiconductor DA14531 Datasheet HTML 67Page - Dialog Semiconductor DA14531 Datasheet HTML 68Page - Dialog Semiconductor DA14531 Datasheet HTML 69Page - Dialog Semiconductor DA14531 Datasheet HTML 70Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 374 page
background image
DA14531
Ultra Low Power Bluetooth 5.1 SoC
Final
Datasheet
Revision 3.1
09-Jul-2020
CFR0011-120-00
66 of 374
© 2020 Dialog Semiconductor
Table 38: Booting Sequence Steps
Step 1:
Boot from
external
SPI Master
Step 2: Boot
from 1-wire
UART (first
option)
Step 3:
Boot from
1-wire
UART
(second
option)
Step 4:
Boot from
2-wire
UART
Step 5:
Boot from
external
SPI Slave
Step 6:
Boot from
I2C
P0_0/RST
MISO
Tx
MOSI
P0_1
MOSI
Rx
SCS
P0_2
P0_3
SCS
RxTx
MISO
SDA
P0_4
SCK
SCK
SCL
P0_5
RxTx (Default)
P0_6
P0_7
P0_8
P0_9
P0_10
P0_11
If no bootable devices are found on any of the serial interfaces, the Booter can do two things,
depending on what is stored in the CS. If the "Debugger disable" (0x70000000) command is stored
there, the Booter will start scanning for peripherals again. Otherwise it enters the endless loop with
the debugger (JTAG) being enabled. The debugger can be connected to P0_5 in the WLCSP17
package or P0_10 in the FCGQFN24 package.
After the BootROM sequence has completed, the default system clock is RC32M, regardless of
which boot path has been chosen and all GPIOs are set back to their default reset values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com