Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA14531 Datasheet(PDF) 74 Page - Dialog Semiconductor

Part # DA14531
Description  Ultra Low Power Bluetooth 5.1 SoC
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14531 Datasheet(HTML) 74 Page - Dialog Semiconductor

Back Button DA14531 Datasheet HTML 70Page - Dialog Semiconductor DA14531 Datasheet HTML 71Page - Dialog Semiconductor DA14531 Datasheet HTML 72Page - Dialog Semiconductor DA14531 Datasheet HTML 73Page - Dialog Semiconductor DA14531 Datasheet HTML 74Page - Dialog Semiconductor DA14531 Datasheet HTML 75Page - Dialog Semiconductor DA14531 Datasheet HTML 76Page - Dialog Semiconductor DA14531 Datasheet HTML 77Page - Dialog Semiconductor DA14531 Datasheet HTML 78Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 374 page
background image
DA14531
Ultra Low Power Bluetooth 5.1 SoC
Final
Datasheet
Revision 3.1
09-Jul-2020
CFR0011-120-00
74 of 374
© 2020 Dialog Semiconductor
Interrupt priorities are programmable by the Arm Cortex-M0+. The lower the priority number, the
higher the priority level. The priority level is stored in a byte-wide register, which is set to 0x0 at reset.
Interrupts with the same priority level follow a fixed priority order using the interrupt number listed in
Table 40 (a lower interrupt number has a higher priority level).
To access the Cortex-M0+ NVIC registers, the Cortex Microcontroller Software Interface Standard
(CMSIS) functions can be used. The input parameter IRQn of the CMSIS NVIC access functions is
the IRQ number. This can be the IRQ number or (more conveniently) the corresponding IRQ name
listed in Table 40. For example, the corresponding interrupt handler name in the vector table for
IRQ#15 is SPI_Handler. For more information on the Arm Cortex-M0+ interrupts and the
corresponding CMSIS functions, see section 4.2 Nested Vectored Interrupt Controller in the
Cortex-M0+ Devices Generic User Guide.
The Watchdog interrupt is connected to the NMI input of the processor.
6.2.2
System Timer (systick)
The Cortex-M0+ System Timer (SysTick) can be configured for using two different clocks. The
SysTick Control & Status (STCSR) register specifies which clock should be used by the counter.
● STCSR[CLKSOURCE] = 0: use the (fixed) external reference clock STCLKEN of 1 MHz
● STCSR[CLKSOURCE] = 1: use the (HCLK_DIV dependent) processor clock SCLK (for example,
2, 4, 8, or 16 MHz)
The default SysTick Timer configuration uses the (fixed) external reference clock STCLKEN
(STCSR[CLKSOURCE] = 0). When necessary, higher clock frequencies can be used with
STCSR[CLKSOURCE] = 1, but the software should take the HCLK_DIV dependent core clock SCLK
into account about the timing.
6.2.3
Wake-Up Interrupt Controller
The Wake-up Interrupt Controller (WIC) is a peripheral that can detect an interrupt and wake the
processor from Extended Sleep mode. The WIC is enabled only when the SLEEPDEEP bit in the
system control register is set to 1 (see System Control Register in the Cortex-M0+ Technical
Reference Manual).
The WIC is not programmable and does not have any registers or user interface. It operates entirely
from hardware signals. When the WIC is enabled and the processor enters Extended Sleep mode,
the power management unit in the system can power down most of the Cortex-M0+ processor. This
has the side effect of stopping the SysTick timer. When the WIC receives an interrupt, it takes a
number of clock cycles to wake up the processor and restore its state before it can process the
interrupt. This means the interrupt latency is increased in Extended Sleep mode.
6.3
Programming
For more information on the Arm Cortex-M0+, see the documents listed in Table 41.
Table 41: Arm Documents List
Document Title
Arm Document Number
1
Cortex-M0+ Devices Generic User Guide
Arm DUI 0662B (available on the website)
2
Cortex-M0+ Technical Reference Manual, r0p1
Arm DDI 0484C (available on the website)
3
Armv6-M Architecture Reference Manual
Arm DDI 0419C (can be downloaded by
registered customers)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com