Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DA14531 Datasheet(PDF) 90 Page - Dialog Semiconductor

Part # DA14531
Description  Ultra Low Power Bluetooth 5.1 SoC
PDF  374 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIALOG [Dialog Semiconductor]
Direct Link  http://www.dialog-semiconductor.com/
Logo DIALOG - Dialog Semiconductor

DA14531 Datasheet(HTML) 90 Page - Dialog Semiconductor

Back Button DA14531 Datasheet HTML 86Page - Dialog Semiconductor DA14531 Datasheet HTML 87Page - Dialog Semiconductor DA14531 Datasheet HTML 88Page - Dialog Semiconductor DA14531 Datasheet HTML 89Page - Dialog Semiconductor DA14531 Datasheet HTML 90Page - Dialog Semiconductor DA14531 Datasheet HTML 91Page - Dialog Semiconductor DA14531 Datasheet HTML 92Page - Dialog Semiconductor DA14531 Datasheet HTML 93Page - Dialog Semiconductor DA14531 Datasheet HTML 94Page - Dialog Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 374 page
background image
DA14531
Ultra Low Power Bluetooth 5.1 SoC
Final
Datasheet
Revision 3.1
09-Jul-2020
CFR0011-120-00
90 of 374
© 2020 Dialog Semiconductor
12 DMA Controller
12.1 Introduction
The 4-channel direct memory access (DMA) controller transfers data of eight bits, 16 bits, or 32 bits
between the on-chip supported peripherals (SPI, UART, UART2, I2C, and ADC) and the on-chip
RAM and supports regular memory-to-memory transfers. The DMA also supports a programmable
interrupt generation to generate an interrupt after a certain number of transfers in order to off load the
Cortex interrupt rate. The on-chip peripheral requests are multiplexed on the two available channel
pairs to increase the DMA utilization. A block diagram of the controller is depicted on Figure 27.
Features
● Four channels with an optional peripheral trigger
● Full 32-bit source and destination pointers
● Flexible interrupt generation
● Programmable length
● Flexible peripheral request per channel
● Option to initialize memory (DMA_INIT)
● Programmable edge-sensitive request support (recommended when writing to UART/UART2 and
I2C)
DMA Channel 0
DMA Channel 1
DMA Channel 2
DMA Channel 3
SPI RX/TX req
I2C RX/TX req
other req
. . .
SPI RX/TX req
I2C RX/TX req
other req
. . .
SPI RX/TX ack
I2C RX/TX ack
other ack
. . .
SPI RX/TX ack
I2C RX/TX ack
other ack
. . .
Control
DMA01_REQ_MUX
DMA03_REQ_MUX
APB16
AHB Lite
Block IRQ lines
IRQ lines
DMA IRQ lines
Figure 31: DMA Controller Block Diagram
12.2 Architecture
12.2.1
DMA Peripherals
By default, the DMA assumes memory-to-memory transactions. Each DMA channel can also be
connected with the hand-shaking signals or other request signals of the corresponding peripherals
(Table 44).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com