Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCD41-D-R1 Datasheet(PDF) 19 Page - Sensirion AG Switzerland

Part # SCD41-D-R1
Description  Breaking the size barrier in CO2 sensing
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SCD41-D-R1 Datasheet(HTML) 19 Page - Sensirion AG Switzerland

Back Button SCD41-D-R1 Datasheet HTML 14Page - Sensirion AG Switzerland SCD41-D-R1 Datasheet HTML 15Page - Sensirion AG Switzerland SCD41-D-R1 Datasheet HTML 16Page - Sensirion AG Switzerland SCD41-D-R1 Datasheet HTML 17Page - Sensirion AG Switzerland SCD41-D-R1 Datasheet HTML 18Page - Sensirion AG Switzerland SCD41-D-R1 Datasheet HTML 19Page - Sensirion AG Switzerland SCD41-D-R1 Datasheet HTML 20Page - Sensirion AG Switzerland SCD41-D-R1 Datasheet HTML 21Page - Sensirion AG Switzerland SCD41-D-R1 Datasheet HTML 22Page - Sensirion AG Switzerland  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
www.sensirion.com
Version 1.1 – April 2021
19/22
4 Mechanical specifications
4.1 Package Outline
Figure 3 schematically displays the package outline. The notched corner of the protection membrane serves as a polarity
mark to indicate pin 1 location. Nominal dimensions and tolerances are listed in Table 31.
Figure 3: Packaging outline drawing of the SCD4x: (left) top view and (right) side view. Nominal
dimensions and tolerances are listed in millimeters.
Dimension
a
b
c
d
e
f
Nominal [mm]
10.1
10.1
8.5
7.8
5.5
0.8
Tolerance [mm]
± 0.3
± 0.3
± 0.2
± 0.2
± 0.3
± 0.2
Table 31: Nominal dimensions and tolerances SCD4x (all in mm). The weight of the sensor is approx.
0.6 g.
Note that the white protection membrane on top of the sensor must not be removed or tampered with to ensure proper sensor
operation.
4.2 Land Pattern
Recommended land pattern, solder paste and solder mask are shown in Figure 4. These are recommendations only and not
specifications. The exact mask geometries, distances and stencil thicknesses must be adapted to the customer soldering
processes.
Figure 4: SCD4x footprint (top view): landing pads (a), solder mask (b) and solder paste (c).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com