Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCD41-D-R1 Datasheet(PDF) 13 Page - Sensirion AG Switzerland

Part # SCD41-D-R1
Description  Breaking the size barrier in CO2 sensing
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SCD41-D-R1 Datasheet(HTML) 13 Page - Sensirion AG Switzerland

Back Button SCD41-D-R1 Datasheet HTML 9Page - Sensirion AG Switzerland SCD41-D-R1 Datasheet HTML 10Page - Sensirion AG Switzerland SCD41-D-R1 Datasheet HTML 11Page - Sensirion AG Switzerland SCD41-D-R1 Datasheet HTML 12Page - Sensirion AG Switzerland SCD41-D-R1 Datasheet HTML 13Page - Sensirion AG Switzerland SCD41-D-R1 Datasheet HTML 14Page - Sensirion AG Switzerland SCD41-D-R1 Datasheet HTML 15Page - Sensirion AG Switzerland SCD41-D-R1 Datasheet HTML 16Page - Sensirion AG Switzerland SCD41-D-R1 Datasheet HTML 17Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
www.sensirion.com
Version 1.1 – April 2021
13/22
Table 18: perform_forced_recalibration I2C sequence description
Write
(hexadecimal)
Input parameter: Target CO2 concentration
Response parameter: FRC-correction
Max.
command
duration [ms]
length [bytes]
signal conversion
length [bytes]
signal conversion
0x362f
3
word[0] = Target
concentration [ppm CO2]
3
FRC correction [ppm CO2] =
word[0] – 0x8000
word[0] = 0xffff in case of
failed FRC
400
Example: perform forced recalibration, reference CO2 concentration is 490 ppm
Write
0x362f
0x01e0
0xb4
(hexadecimal)
Command
Input: 480 ppm
CRC of 0x01e0
Wait
400 ms
command execution time
Response
0x7fce
0x7b
(hexadecimal)
Response: - 50 ppm
CRC of 0x7fce
3.7.2
s
et_automatic_self_calibration_enabled
Description: Set the current state (enabled / disabled) of the automatic self-calibration. By default, ASC is enabled. To save the
setting to the EEPROM, the persist_setting (see chapter 3.9.1) command must be issued.
Table 19: set_automatic_self_calibration_enabled I2C sequence description.
Write
(hexadecimal)
Input parameter: ASC enabled
Response parameter: -
Max. command
duration [ms]
length [bytes]
signal conversion
length [bytes]
signal conversion
0x2416
3
word[0] = 1 → ASC enabled
word[0] = 0 → ASC disabled
-
-
1
Example: set automatic self-calibration status: enabled
Write
0x2416
0x0001
0xB0
(hexadecimal)
Command
ASC enabled
CRC of 0x0001
3.7.3
get_automatic_self_calibration_enabled
Table 20: get_automatic_self_calibration_enabled I2C sequence description
Write
(hexadecimal)
Input parameter: -
Response parameter: ASC enabled
Max. command
duration [ms]
length [bytes]
signal conversion
length [bytes]
signal conversion
0x2313
-
-
3
word[0] = 1 → ASC enabled
word[0] = 0 → ASC disabled
1
Example: read automatic self-calibration status: disabled
Write
0x2313
(hexadecimal)
Command
Wait
1 ms
command execution time
Response
0x0000
0x81
(hexadecimal)
ASC disabled
CRC of 0x0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com