Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCD41-D-R1 Datasheet(PDF) 8 Page - Sensirion AG Switzerland

Part # SCD41-D-R1
Description  Breaking the size barrier in CO2 sensing
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SCD41-D-R1 Datasheet(HTML) 8 Page - Sensirion AG Switzerland

Back Button SCD41-D-R1 Datasheet HTML 4Page - Sensirion AG Switzerland SCD41-D-R1 Datasheet HTML 5Page - Sensirion AG Switzerland SCD41-D-R1 Datasheet HTML 6Page - Sensirion AG Switzerland SCD41-D-R1 Datasheet HTML 7Page - Sensirion AG Switzerland SCD41-D-R1 Datasheet HTML 8Page - Sensirion AG Switzerland SCD41-D-R1 Datasheet HTML 9Page - Sensirion AG Switzerland SCD41-D-R1 Datasheet HTML 10Page - Sensirion AG Switzerland SCD41-D-R1 Datasheet HTML 11Page - Sensirion AG Switzerland SCD41-D-R1 Datasheet HTML 12Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
www.sensirion.com
Version 1.1 – April 2021
8/22
3.4 SCD4x Command Overview
Table 9: List of SCD4x sensor commands. Detailed description of SCD4x commands can be found
further down. *Column indicates whether command can be executed while a periodic measurement
is running.
Domain
Command
Hex.
Code
I2C sequence type
(see chapter 3.3)
Execution
time
[ms]
During
meas.*
Basic Commands
Chapter 3.5
start_periodic_measurement
0x21b1
send command
-
no
read_measurement
0xec05
read
1
yes
stop_periodic_measurement
0x3f86
send command
500
yes
On-chip output signal
compensation
Chapter 3.6
set_temperature_offset
0x241d
write
1
no
get_temperature_offset
0x2318
read
1
no
set_sensor_altitude
0x2427
write
1
no
get_sensor_altitude
0x2322
read
1
no
set_ambient_pressure
0xe000
write
1
yes
Field calibration
Chapter 3.7
perform_forced_recalibration
0x362f
send command and
fetch result
400
no
set_automatic_self_calibration_enabled
0x2416
write
1
no
get_automatic_self_calibration_enabled
0x2313
read
1
no
Low power
Chapter 3.8
start_low_power_periodic_measurement
0x21ac
send command
-
no
get_data_ready_status
0xe4b8
read
1
yes
Advanced features
Chapter 3.9
persist_settings
0x3615
send command
800
no
get_serial_number
0x3682
read
1
no
perform_self_test
0x3639
read
10000
no
perform_factory_reset
0x3632
send command
1200
no
reinit
0x3646
send command
20
no
Low power single shot
(SCD41 only) Chapter 3.10
measure_single_shot
0x219d
send command
5000
no
measure_single_shot_rht_only
0x2196
send command
50
no



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com