Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCD41-D-R1 Datasheet(PDF) 4 Page - Sensirion AG Switzerland

Part # SCD41-D-R1
Description  Breaking the size barrier in CO2 sensing
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SCD41-D-R1 Datasheet(HTML) 4 Page - Sensirion AG Switzerland

  SCD41-D-R1 Datasheet HTML 1Page - Sensirion AG Switzerland SCD41-D-R1 Datasheet HTML 2Page - Sensirion AG Switzerland SCD41-D-R1 Datasheet HTML 3Page - Sensirion AG Switzerland SCD41-D-R1 Datasheet HTML 4Page - Sensirion AG Switzerland SCD41-D-R1 Datasheet HTML 5Page - Sensirion AG Switzerland SCD41-D-R1 Datasheet HTML 6Page - Sensirion AG Switzerland SCD41-D-R1 Datasheet HTML 7Page - Sensirion AG Switzerland SCD41-D-R1 Datasheet HTML 8Page - Sensirion AG Switzerland SCD41-D-R1 Datasheet HTML 9Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
www.sensirion.com
Version 1.1 – April 2021
4/22
2 Specifications
2.1 Electrical Specifications
Parameter
Symbol Conditions
Min.
Typical
Max.
Units
Supply voltage DC
VDD
2.4
3.3 or 5.0 5.5
V
Voltage ripple peak to peak
VRPP
30
mV
Peak supply current6
VDD = 3.3 V
175
205
mA
VDD = 5 V
115
137
mA
Average supply current for periodic
measurement, periodic measurement
IDD
VDD = 3.3 V
15
18
mA
VDD = 5 V
11
13
mA
Average supply current for periodic
measurement, low power periodic measurement I
DD
VDD = 3.3 V
3.2
3.5
mA
VDD = 5 V
2.8
3
mA
Average supply current for periodic single shot
measurement, 1 measurement / 5 minutes
(SCD41 only)7
IDD
VDD = 3.3 V
0.45
0.5
mA
VDD = 5 V
0.36
0.4
mA
Input high level voltage
VIH
0.7 x VDD
1 x VDD
-
Input low level voltage
VIL
0.3 x VDD
-
Output low level voltage
VOL
3 mA sink current
0.66
V
Table 4 SCD4x electrical specifications
2.2 Absolute Maximum Ratings
Stress levels beyond those listed in Table 5 may cause permanent damage to the device. Exposure to minimum/maximum
rating conditions for extended periods may affect sensor performance and reliability of the device.
Parameter
Conditions
Value
Temperature operating conditions
-10 – 60°C
Humidity operating conditions8
Non-condensing
0 – 95 %RH
MSL Level
3
DC supply voltage
- 0.3 V – 6.0 V
Max voltage on pins SDA, SCL, GND
– 0.3 V to VDD+0.3 V
Input current on pins SDA, SCL, GND
- 280 mA to 100 mA
Short term storage temperature9
- 40°C – 70°C
Recommended storage temperature
10 °C – 50 °C
ESD HBM
2 kV
ESD CDM
500 V
Maintenance Interval
Maintenance free when ASC field-
calibration algorithm10 is used.
None
Sensor lifetime11
Typical operating conditions
> 10 years
Table 5: SCD4x operation conditions, lifetime and maximum ratings
6
Power supply should be designed with respect to peak current.
7
On-demand measurement with freely adjustable interval. See chapter 3.10
8
Accuracy can be reduced at relative humidity levels lower than 10 %.
9
Short term storage refers to temporary conditions during e.g. transport.
10
For proper function of ASC field-calibration algorithm the SCD4x has to be exposed to clean air with 400 ppm CO2 concentration regularly.
11
Sensor tested over simulated lifetime of > 10 years for indoor environment mission profile



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com