Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPFS250T Datasheet(PDF) 20 Page - Microchip Technology

Part # MPFS250T
Description  PolarFire® SoC Product Overview
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250T Datasheet(HTML) 20 Page - Microchip Technology

Back Button MPFS250T Datasheet HTML 16Page - Microchip Technology MPFS250T Datasheet HTML 17Page - Microchip Technology MPFS250T Datasheet HTML 18Page - Microchip Technology MPFS250T Datasheet HTML 19Page - Microchip Technology MPFS250T Datasheet HTML 20Page - Microchip Technology MPFS250T Datasheet HTML 21Page - Microchip Technology MPFS250T Datasheet HTML 22Page - Microchip Technology MPFS250T Datasheet HTML 23Page - Microchip Technology MPFS250T Datasheet HTML 24Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 50 page
background image
in the comparison. If the filtering matches for a specific frame, then it is passed on to the DMA memory. Otherwise
the frame is dropped. Frames may also be filtered using the Type ID field for matching. There are four Type ID
registers in the internal register space and these may be enabled individually. Hashing of the received frame’s DA
may be configured, as described in the PolarFire SoC MSS Technical Reference Manual.
3.5.1.2.2 External Filtering
To allow for more sophisticated matching of incoming frames, based on more than just addresses, for example, an
external filtering interface is present. As a frame is received, the MAC parses the frame and determines what field is
currently present. A strobe signal is provided to allow latching of each field in the fabric. Customized (combinational)
matching circuitry can then analyze whether or not it is interested in the particular frame (filtering use case) or what
receive priority queue to put the frame in (prioritizing use case).
3.5.2
MMC 5.1/SD/SDIO/eMMC
PolarFire SoC contains one MMC5.1 compliant peripheral and PHY. The controller interfaces to MSS I/O through
the IOMUXs to MSSIO exclusively. PolarFire SoC MSS I/Os do not support the dynamic voltage scaling of some
SD cards, external voltage level translators should be used if required. The following eMMC/SD card standards are
supported in PolarFire SoC. The SDIO/eMMC interface supports its own DMA controllers for data transfers. The DMA
controllers support SDMA and ADMA2 modes.
3.5.2.1
SD Card Standards
• Default Speed (DS)
• High Speed (HS)
• UHS-I SDR12
• UHS-I SDR25
• UHS-I SDR50
• UHS-I SDR104
• UHS-I DDR50
3.5.2.2
eMMC Standards
• Standard Speed
• High Speed
• DDR52
• HS200
• HS400
• HS400 Enhanced Strobe
3.5.3
USB 2.0 OTG
PolarFire SoC includes a USB 2.0 OTG-compliant core with an ULPI interface to the IOMUX, and then on to
dedicated MSS I/O. The USB core supports the following features:
• Operates either as the function controller of a high/full-speed USB peripheral or as the host/peripheral in
point-to-point or multi-point communications with other USB functions
• Complies with the USB 2.0 standard for high-speed (480 Mbps) functions and with the on-the-go supplement to
the USB 2.0 specification
• Supports OTG communications with one or more high-, full-, or low-speed device
• Supports Session Request Protocol (SRP) and Host Negotiation Protocol (HNP)
• Supports suspend and resume signaling
• Supports Link Power Management
• Offers dynamic allocation of endpoints to maximize number of devices supported
• Number of Tx endpoints: 4 (plus control endpoint)
• Number of Rx endpoints: 4 (plus control endpoint)
• Multipoint capabilities supported
• Software connect/disconnect feature enabled
• High bandwidth support for ISO enabled endpoints
Microprocessor Subsystem
© 2021 Microchip Technology Inc.
and its subsidiaries
Overview
DS60001656C-page 20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com