Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPFS250T Datasheet(PDF) 8 Page - Microchip Technology

Part # MPFS250T
Description  PolarFire® SoC Product Overview
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250T Datasheet(HTML) 8 Page - Microchip Technology

Back Button MPFS250T Datasheet HTML 4Page - Microchip Technology MPFS250T Datasheet HTML 5Page - Microchip Technology MPFS250T Datasheet HTML 6Page - Microchip Technology MPFS250T Datasheet HTML 7Page - Microchip Technology MPFS250T Datasheet HTML 8Page - Microchip Technology MPFS250T Datasheet HTML 9Page - Microchip Technology MPFS250T Datasheet HTML 10Page - Microchip Technology MPFS250T Datasheet HTML 11Page - Microchip Technology MPFS250T Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
2.
Product Family Table
The following table lists the product overview and packaging overview of the PolarFire SoC product family. The
processor subsystem is common to all devices in the product family.
Table 2-1. PolarFire SoC Product Family
Features
MPFS025T
MPFS095T
MPFS160T
MPFS250T
MPFS460T
FPGA
fabric
k Logic
Elements
(4LUT + DFF)
23
93
161
254
461
Math Blocks
(18x18 MACC)
68
292
498
784
1420
LSRAM Blocks
(20 Kb)
84
308
520
812
1460
uSRAM Blocks
(64x12)
204
876
1494
2352
4260
Total RAM Mb
1.8
6.7
11.3
17.6
31.6
uPROM KB
194
387
415
470
553
User DLLs/
PLLs
8 each
8 each
8 each
8 each
8 each
High-
speed I/O
250 Mbps to
12.5 Gbps
SERDES
Lanes
4
4
8
16
20
PCIe Gen2
End Points/
Root Ports
2
2
2
2
2
Total
FPGA I/O
HSIO+GPIO
108
276
312
372
468
Total MSS
I/O
MSS I/O
136
136
136
136
136
MSS DDR
DB
MSS DDR
Data Bus
16
32
32
32
32
Product Family Table
© 2021 Microchip Technology Inc.
and its subsidiaries
Overview
DS60001656C-page 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com