Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPFS250T Datasheet(PDF) 32 Page - Microchip Technology

Part # MPFS250T
Description  PolarFire® SoC Product Overview
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250T Datasheet(HTML) 32 Page - Microchip Technology

Back Button MPFS250T Datasheet HTML 28Page - Microchip Technology MPFS250T Datasheet HTML 29Page - Microchip Technology MPFS250T Datasheet HTML 30Page - Microchip Technology MPFS250T Datasheet HTML 31Page - Microchip Technology MPFS250T Datasheet HTML 32Page - Microchip Technology MPFS250T Datasheet HTML 33Page - Microchip Technology MPFS250T Datasheet HTML 34Page - Microchip Technology MPFS250T Datasheet HTML 35Page - Microchip Technology MPFS250T Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 50 page
background image
...........continued
VDDIO (V)
LVCMOS18
LVCMOS15
LVCMOS12
1.2
Not available
Yes
Yes
4.3.3
I/O Digital
The PolarFire SoC FPGA I/O digital logic is used to interface between the FPGA fabric and the I/O buffers. It
interfaces between the high-speed I/O buffers and lower-speed FPGA fabric. The I/O digital block consists of the
following:
• Delay chain for input or output delay
• Registers and control logic for input modes and output modes
The I/O digital registers can be configured for both input and output DDR and shift register modes and combined
DDR-shift register modes. It allows gearing up the output data rate and gearing down the input data rate. The
PolarFire SoC FPGA I/O digital logic works in conjunction with fast and low-skew clock distributions optimized for
DDR applications, special clock dividers, and other support circuits to guarantee clock domain crossings.
4.3.3.1
I/O Digital Features
The following are I/O digital features.
• Programmable input and/or output delay chain
• Data eye monitor for detecting margin-to-clock edges
• Data eye position optimizer
• Up to 10:1 input deserialization
• Up to 10:1 output serialization
• Support for DDR and SDR interfaces
• Receive slip control to facilitate word alignment
• Fast and low-skew lane clocks per 12 I/Os
• Clock recovery for SGMII and similar interfaces (one per 12 I/Os)
• Flash*Freeze support
4.3.3.2
I/O Digital Modes
The following table lists the associated memory interface, I/O data rate, FPGA clock rate, and its applications.
Table 4-4. I/O Digital Modes
Interface
Direction
I/O Data
Rate
I/O Clock Rate
(MHz)
Gear
Ratio
FPGA Clock Rate
(MHz)
Applications
DDR4
BiDir
1.6 Gbps
800
8:1
200
Memory interface
DDR3 (L)
BiDir
1.3 Gbps
650
8:1
162.5
Memory interface
LPDDR3
BiDir
1.3 Gbps
650
8:1
162.5
Low-power memory
interface
QDRII+
Input/
Output
1.1 Gbps
550
8:1
137.5
Low-latency memory
interface
RLDRAM3
Input/
Output
1.0 Gbps
500
8:1
125
Low-latency memory
interface
7:1 LVDS
Input
800 Mbps
400
7:1
114
Flatlink, Cameralink
CDR
Input
1.25 Gbps
625
10:1
125
1000BASE-T, SGMII
Programmable Logic Subsystem
© 2021 Microchip Technology Inc.
and its subsidiaries
Overview
DS60001656C-page 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com