Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPFS250T Datasheet(PDF) 7 Page - Microchip Technology

Part # MPFS250T
Description  PolarFire® SoC Product Overview
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250T Datasheet(HTML) 7 Page - Microchip Technology

Back Button MPFS250T Datasheet HTML 3Page - Microchip Technology MPFS250T Datasheet HTML 4Page - Microchip Technology MPFS250T Datasheet HTML 5Page - Microchip Technology MPFS250T Datasheet HTML 6Page - Microchip Technology MPFS250T Datasheet HTML 7Page - Microchip Technology MPFS250T Datasheet HTML 8Page - Microchip Technology MPFS250T Datasheet HTML 9Page - Microchip Technology MPFS250T Datasheet HTML 10Page - Microchip Technology MPFS250T Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
1.
Block Diagram
The following illustration shows the functional blocks of PolarFire SoC.
Figure 1-1. Block Diagram
DDRIO PHY
36-bit DDR3/4, LPDDR3/4 Controller
2–64b AXI4; 32b APB
AMBA Switch with Memory Protection and QoS
Coherent Switch
Anti Tamper
System Controller
SPI Programming
System Services
PUF
sNVM
Hart Software
Services
Platform Interrupt Controller
Perfomance/Event Counters
Instruction Trace
AXI BUS Monitors
50 Breakpoints
DMA
128b
Fabric Logic Monitor
SmartDebug
Debug Locks
Local Interrupt Controller
RISC-V
RV64IMAC
E51
Monitor Core
RISC-V
RV64GC
U54
Application Core
128 KB
Boot Flash
3–64b AXI4
5–64b AXI4
4–128b
PMP
MMU
32K D$
32K I$ITIM
PMP
Secure Boot
8K DTIM
16K I$ITIM
128b
64b AXI4
64b AXI4
32b AHB
IO
128b AXI4
128b
64b
AXI4
2MB Memory
(L2 Cache, Scratchpad Memory,
Deterministic Memory modes)
HSIO
1.8V to 1.2V
DDR4/LPDDR4
1.6 Gbps
PolarFire® FPGA
*DPA-Safe Crypto co-processor supported in S devices
**SECDED supported on all MSS memories
Hardened Microprocessor Subsystem
GPIO
3.3V to 1.2V
SGMII
1.6 Gbps LVDS
PCIe® Gen 2
EP/RP, DMA
x1, x2, x4
PCIe Gen 2
EP/RP, DMA
x1, x2
Transceivers
PolarFire® FPGA Fabric
64b6xb
8b10b
CTLE
DFE
18 × 18 MACC
Pre Adder
LSRAM 20 Kb
SECDED
uSRAM
768 bits
PLLs/DLLs
Crypto*
2×GbE
2×CAN
2×SPI
5× UART
GPIO
RTC
USB OTG
2×I2C
XIP-QSPI
MMC 5.1
PIPE
OOB
Loop Back
Eye Monitor
PolarFire® SoC Block Diagram
Note: The microprocessor subsystem and the FPGA operate on the same power domain.
Block Diagram
© 2021 Microchip Technology Inc.
and its subsidiaries
Overview
DS60001656C-page 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com