Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1027 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # CS1027
Description  MAGNETIC POWDER CORES
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS1027 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button CS1027 Datasheet HTML 13Page - List of Unclassifed Manufacturers CS1027 Datasheet HTML 14Page - List of Unclassifed Manufacturers CS1027 Datasheet HTML 15Page - List of Unclassifed Manufacturers CS1027 Datasheet HTML 16Page - List of Unclassifed Manufacturers CS1027 Datasheet HTML 17Page - List of Unclassifed Manufacturers CS1027 Datasheet HTML 18Page - List of Unclassifed Manufacturers CS1027 Datasheet HTML 19Page - List of Unclassifed Manufacturers CS1027 Datasheet HTML 20Page - List of Unclassifed Manufacturers CS1027 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
Magnetic Powder Cores :::
32
31 ::: Chang Sung Corporation
OD078
Core Dimensions
OD(max)
ID(min)
HT(max)
Before coating
(mm)
7.87
3.96
3.18
(inch)
0.310
0.156
0.125
After coating
(mm)
8.51
3.43
3.81
(Epoxy)
(inch)
0.335
0.135
0.150
Magnetic Dimensions
Cross Section
Path Length
Window Area
Volume
(A)
( )
(Wa)
(V)
0.0615cm2
1.787cm
0.0922cm2
0.1099cm3
0.00953in2
0.704in
18,200cmil
0.0067in3
Winding Information
Single layer winding with 1 inch leads
AWG Wire
Single Layer
AWG Wire
Single Layer
No. Dia(cm)
Turn Rdc,
No. Dia(cm)
Turn Rdc,
21
22
23
24
25
26
27
28
29
0.0785
0.0701
0.0632
0.0566
0.0505
0.0452
0.0409
0.0366
0.0330
9
11
12
14
16
18
20
23
26
0.0078
0.0108
0.0148
0.0206
0.0285
0.0397
0.0545
0.0762
0.104
30
31
32
33
34
35
36
37
38
0.0294
0.0267
0.0241
0.0216
0.0191
0.0170
0.0152
0.0140
0.0124
29
33
36
41
46
52
58
64
72
0.146
0.201
0.272
0.382
0.543
0.760
1.05
1.43
2.01
Available Cores
Part No.
MPP
High Flux
Sendust
Mega Flux
Perm.
(μ)
AL
(nH/N2)
CM078026
CM078060
_
_
CM078125
CM078147
CM078160
CM078173
CM078200
CH078026
CH078060
_
_
CH078125
CH078147
CH078160
_
_
_
CS078060
CS078075
CS078090
CS078125
_
_
_
_
_
CK078060
CK078075
CK078090
_
_
_
_
_
11
25
31
37
52
62
66
73
83
26
60
75
90
125
147
160
173
200
ID 3.96mm
HT 3.18mm
OD 7.87mm / 0.310inch
AL vs NI Curve (60μ, 125μ)
OD068
Core Dimensions
OD(max)
ID(min)
HT(max)
Before coating
(mm)
6.86
3.96
5.08
(inch)
0.270
0.156
0.200
After coating
(mm)
7.62
3.45
5.72
(Epoxy)
(inch)
0.300
0.136
0.225
Magnetic Dimensions
Cross Section
Path Length
Window Area
Volume
(A)
( )
(Wa)
(V)
0.0725cm2
1.65cm
0.0934cm2
0.126009cm3
0.01124in2
0.650in
18,500cmil
0.007693in3
Winding Information
Single layer winding with 1 inch leads
AWG Wire
Single Layer
AWG Wire
Single Layer
No. Dia(cm)
Turn Rdc,
No. Dia(cm)
Turn Rdc,
21
22
23
24
25
26
27
28
29
0.0785
0.0701
0.0632
0.0566
0.0505
0.0452
0.0409
0.0366
0.0330
9
11
12
14
16
18
21
23
26
0.00902
0.0126
0.0174
0.0242
0.0338
0.0472
0.0651
0.0915
0.125
30
31
32
33
34
35
36
37
38
0.0294
0.0267
0.0241
0.0216
0.0191
0.0170
0.0152
0.0140
0.0124
29
33
36
41
46
52
58
65
73
0.177
0.244
0.331
0.466
0.664
0.932
1.29
1.76
2.48
Available Cores
Part No.
MPP
High Flux
Sendust
Mega Flux
Perm.
(μ)
AL
(nH/N2)
CM068026
CM068060
-
-
CM068125
CM068147
CM068160
CM068173
CM068200
CH068026
CH068060
-
-
CH068125
CH068147
CH068160
-
-
-
CS068060
CS068075
CS068090
CS068125
-
-
-
-
-
CK068060
CK068075
CK068090
-
-
-
-
-
14
33
42
50
70
81
89
95
112
26
60
75
90
125
147
160
173
200
ID 3.96mm
HT 5.08mm
AL vs NI Curve (60μ, 125μ)
OD 6.86mm / 0.270inch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com