Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1027 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # CS1027
Description  MAGNETIC POWDER CORES
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS1027 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button CS1027 Datasheet HTML 16Page - List of Unclassifed Manufacturers CS1027 Datasheet HTML 17Page - List of Unclassifed Manufacturers CS1027 Datasheet HTML 18Page - List of Unclassifed Manufacturers CS1027 Datasheet HTML 19Page - List of Unclassifed Manufacturers CS1027 Datasheet HTML 20Page - List of Unclassifed Manufacturers CS1027 Datasheet HTML 21Page - List of Unclassifed Manufacturers CS1027 Datasheet HTML 22Page - List of Unclassifed Manufacturers CS1027 Datasheet HTML 23Page - List of Unclassifed Manufacturers CS1027 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
Magnetic Powder Cores :::
38
37 ::: Chang Sung Corporation
OD166
Core Dimensions
OD(max)
ID(min)
HT(max)
Before coating
(mm)
16.51
10.16
6.35
(inch)
0.650
0.400
0.250
After coating
(mm)
17.40
9.53
7.11
(Epoxy)
(inch)
0.680
00.375
0.280
Magnetic Dimensions
Cross Section
Path Length
Window Area
Volume
(A)
( )
(Wa)
(V)
0.1920cm2
4.11cm
0.713cm2
0.7891cm3
0.0298in2
1,619in
140,600cmil
0.0438in3
Winding Information
Single layer winding with 1 inch leads
AWG Wire
Single Layer
AWG Wire
Single Layer
No. Dia(cm)
Turn Rdc,
No. Dia(cm)
Turn Rdc,
12
13
14
15
16
17
18
19
20
0.213
0.190
0.171
0.153
0.137
0.122
0.109
0.0980
0.0879
10
11
13
15
17
19
21
24
27
0.00165
0.00230
0.00318
0.00443
0.00617
0.00856
0.0119
0.0166
0.0231
21
22
23
24
25
26
27
28
29
0.0785
0.0701
0.0632
0.0566
0.0505
0.0452
0.0409
0.0366
0.0330
31
35
39
44
49
55
62
69
77
0.0323
0.0453
0.0626
0.0876
0.123
0.172
0.239
0.336
0.460
Available Cores
Part No.
MPP
High Flux
Sendust
Mega Flux
Perm.
(μ)
AL
(nH/N2)
CM166026
CM166060
-
-
CM166125
CM166147
CM166160
CM166173
CM166200
CH166026
CH166060
-
-
CH166125
CH166147
CH166160
-
-
CS166026
CS166060
CS166075
CS166090
CS166125
-
-
-
-
CK166026
CK166060
CK166075
CK166090
-
-
-
-
-
15
35
43
52
72
88
92
104
115
26
60
75
90
125
147
160
173
200
ID 10.16mm
HT 6.35mm
OD 16.51mm / 0.650inch
AL vs NI Curve (60μ, 125μ)
OD127
Core Dimensions
OD(max)
ID(min)
HT(max)
Before coating
(mm)
12.70
7.62
4.75
(inch)
0.500
0.300
0.187
After coating
(mm)
13.46
6.99
5.51
(Epoxy)
(inch)
0.530
0.275
0.217
Magnetic Dimensions
Cross Section
Path Length
Window Area
Volume
(A)
( )
(Wa)
(V)
0.114cm2
3.12cm
0.383cm2
0.35568cm3
0.01767in2
1.229in
75,600cmil
0.002172in3
Winding Information
Single layer winding with 1 inch leads
AWG Wire
Single Layer
AWG Wire
Single Layer
No. Dia(cm)
Turn Rdc,
No. Dia(cm)
Turn Rdc,
15
16
17
18
19
20
21
22
23
0.153
0.137
0.122
0.109
0.0980
0.0879
0.0785
0.0701
0.0632
10
11
13
15
17
19
22
25
28
0.00271
0.00376
0.00520
0.00722
0.0100
0.0139
0.0193
0.0270
0.0371
24
25
26
27
28
29
30
31
32
0.0566
0.0505
0.0452
0.0409
0.0366
0.0330
0.0294
0.0267
0.0241
31
35
40
45
50
56
63
69
77
0.0518
0.0723
0.101
0.140
0.197
0.269
0.381
0.527
0.716
Available Cores
Part No.
MPP
High Flux
Sendust
Mega Flux
Perm.
(μ)
AL
(nH/N2)
CM127026
CM127060
-
-
CM127125
CM127147
CM127160
CM127173
CM127200
CH127026
CH127060
-
-
CH127125
CH127147
CH127160
-
-
CS127026
CS127060
CS127075
CS127090
CS127125
-
-
-
-
CK127026
CK127060
CK127075
CK127090
-
-
-
-
-
12
27
34
40
56
67
72
79
90
26
60
75
90
125
147
160
173
200
ID 7.62mm
HT 4.75mm
AL vs NI Curve (60μ, 125μ)
OD 12.70mm / 0.500inch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com