Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1027 Datasheet(PDF) 30 Page - List of Unclassifed Manufacturers

Part # CS1027
Description  MAGNETIC POWDER CORES
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS1027 Datasheet(HTML) 30 Page - List of Unclassifed Manufacturers

Back Button CS1027 Datasheet HTML 26Page - List of Unclassifed Manufacturers CS1027 Datasheet HTML 27Page - List of Unclassifed Manufacturers CS1027 Datasheet HTML 28Page - List of Unclassifed Manufacturers CS1027 Datasheet HTML 29Page - List of Unclassifed Manufacturers CS1027 Datasheet HTML 30Page - List of Unclassifed Manufacturers CS1027 Datasheet HTML 31Page - List of Unclassifed Manufacturers CS1027 Datasheet HTML 32Page - List of Unclassifed Manufacturers CS1027 Datasheet HTML 33Page - List of Unclassifed Manufacturers CS1027 Datasheet HTML 34Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
Magnetic Powder Cores :::
58
57 ::: Chang Sung Corporation
OD1016
Core Dimensions
OD(max)
ID(min)
HT(max)
Before coating
(mm)
101.6
57.2
16.5
(inch)
3.980
2.252
0.650
After coating
(mm)
103.1
55.7
17.8
(Epoxy)
(inch)
4.059
2.193
0.701
Magnetic Dimensions
Cross Section
Path Length
Window Area
Volume
(A)
( )
(Wa)
(V)
3.522cm2
24.27cm
24.36cm2
85.495cm3
0.546in2
9.56in
4,807,425cmil
5.217in3
Magnetic Dimensions
Cross Section
Path Length
Window Area
Volume
(A)
( )
(Wa)
(V)
1.83cm2
24.10cm
32.92cm2
44,103cm3
0.284in2
9.46in
6,00,140cmil
2.691in3
Winding Information
Single layer winding with 1 inch leads
AWG Wire
Single Layer
AWG Wire
Single Layer
No. Dia(cm)
Turn Rdc,
No. Dia(cm)
Turn Rdc,
0.267
0.238
0.213
0.190
0.171
0.153
0.137
0.122
0.109
19
20
21
22
23
24
25
26
27
0.0980
0.0879
0.0785
0.0701
0.0632
0.0566
0.0505
0.0452
0.0409
Available Cores
Part No.
MPP
High Flux
Sendust
Mega Flux
Perm.
(μ)
AL
(nH/N2)
CM1016026
CM1016060
CM1016125
-
-
-
-
CH1016026
CH1016060
CH1016125
-
-
-
-
CS1016026
CS1016060
CS1016125
-
-
-
-
CK1016026
CK1016060
-
-
-
-
-
48
112
228
-
-
-
-
26
60
125
147
160
173
200
AL vs NI Curve (60μ, 125μ)
N AN A
OD888
Core Dimensions
OD(max)
ID(min)
HT(max)
Before coating
(mm)
88.90
66.00
15.90
(inch)
3.500
2.598
0.626
After coating
(mm)
90.03
64.74
17.20
(Epoxy)
(inch)
3.544
2.549
0.677
Winding Information
Single layer winding with 1 inch leads
AWG Wire
Single Layer
AWG Wire
Single Layer
No. Dia(cm)
Turn Rdc,
No. Dia(cm)
Turn Rdc,
10
11
12
13
14
15
16
17
18
0.267
0.238
0.213
0.190
0.171
0.153
0.137
0.122
0.109
19
20
21
22
23
24
25
26
27
10
11
12
13
14
15
16
17
18
0.0980
0.0879
0.0785
0.0701
0.0632
0.0566
0.0505
0.0452
0.0409
Available Cores
Part No.
MPP
High Flux
Sendust
Mega Flux
Perm.
(μ)
AL
(nH/N2)
CM888026
CM888060
-
-
CM888125
-
-
-
-
CH888026
CH888060
-
-
CH888125
-
-
-
-
CS888026
CS888060
CS888075
CS888090
CS888125
-
-
-
-
CK888026
CK888060
CK888075
CK888090
-
-
-
-
-
24
57
71
85
119
26
60
75
90
125
147
160
173
200
AL vs NI Curve (60μ, 125μ)
N AN A
OD 88.9mm / 3.500inches
ID 57.2mm
HT 16.5mm
OD 101.6mm / 3.980inches
ID 66.0mm
HT 15.9mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com