Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS1027 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part # CS1027
Description  MAGNETIC POWDER CORES
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS1027 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Back Button CS1027 Datasheet HTML 15Page - List of Unclassifed Manufacturers CS1027 Datasheet HTML 16Page - List of Unclassifed Manufacturers CS1027 Datasheet HTML 17Page - List of Unclassifed Manufacturers CS1027 Datasheet HTML 18Page - List of Unclassifed Manufacturers CS1027 Datasheet HTML 19Page - List of Unclassifed Manufacturers CS1027 Datasheet HTML 20Page - List of Unclassifed Manufacturers CS1027 Datasheet HTML 21Page - List of Unclassifed Manufacturers CS1027 Datasheet HTML 22Page - List of Unclassifed Manufacturers CS1027 Datasheet HTML 23Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
Magnetic Powder Cores :::
36
35 ::: Chang Sung Corporation
OD112
Core Dimensions
OD(max)
ID(min)
HT(max)
Before coating
(mm)
11.18
6.35
3.96
(inch)
0.440
0.250
0.156
After coating
(mm)
11.90
5.89
4.72
(Epoxy)
(inch)
0.468
0.232
0.186
Magnetic Dimensions
Cross Section
Path Length
Window Area
Volume
(A)
( )
(Wa)
(V)
0.0906cm2
2.69cm
0.273cm2
0.2437cm3
0.01403in2
1.08in
53,800cmil
0.01515in3
Winding Information
Single layer winding with 1 inch leads
AWG Wire
Single Layer
AWG Wire
Single Layer
No. Dia(cm)
Turn Rdc,
No. Dia(cm)
Turn Rdc,
16
17
18
19
20
21
22
23
24
0.137
0.122
0.109
0.0980
0.0879
0.0785
0.0701
0.0632
0.0566
9
11
12
14
16
18
21
23
26
0.00299
0.00412
0.00572
0.00792
0.0109
0.0152
0.0212
0.0292
0.0406
25
26
27
28
29
30
31
32
33
0.0505
0.0452
0.0409
0.0366
0.0330
0.0294
0.0267
0.0241
0.0216
29
33
37
42
46
52
58
64
72
0.0566
0.0792
0.109
0.153
0.209
0.297
0.410
0.556
0.782
Available Cores
Part No.
MPP
High Flux
Sendust
Mega Flux
Perm.
(μ)
AL
(nH/N2)
CM112026
CM112060
-
-
CM112125
CM112147
CM112160
CM112173
CM112200
CH112026
CH112060
-
-
CH112125
CH112147
CH112160
-
-
CS112026
CS112060
CS112075
CS112090
CS112125
-
-
-
-
CK112026
CK112060
CK112075
CK112090
-
-
-
-
-
11
26
32
38
53
63
68
74
85
26
60
75
90
125
147
160
173
200
ID 6.35mm
HT 3.96mm
OD 11.18mm / 0.440inch
AL vs NI Curve (60μ, 125μ)
OD102
Core Dimensions
OD(max)
ID(min)
HT(max)
Before coating
(mm)
10.16
5.08
3.96
(inch)
0.400
0.200
0.156
After coating
(mm)
10.80
4.57
4.57
(Epoxy)
(inch)
0.425
0.180
0.180
Magnetic Dimensions
Cross Section
Path Length
Window Area
Volume
(A)
( )
(Wa)
(V)
0.1000cm2
2.38cm
0.164cm2
0.2380cm3
0.01550in2
0.906in
32,400cmil
0.0140in3
Winding Information
Single layer winding with 1 inch leads
AWG Wire
Single Layer
AWG Wire
Single Layer
No. Dia(cm)
Turn Rdc,
No. Dia(cm)
Turn Rdc,
18
19
20
21
22
23
24
25
26
0.109
0.0980
0.0879
0.0785
0.0701
0.0632
0.0566
0.0505
0.0452
9
10
12
13
15
17
20
22
25
0.00442
0.00613
0.00847
0.0118
0.0164
0.0226
0.0315
0.0439
0.0614
27
28
29
30
31
32
33
34
35
0.0409
0.0366
0.0330
0.0294
0.0267
0.0241
0.0216
0.0191
0.0170
28
32
35
40
44
49
55
62
70
0.0846
0.119
0.162
0.230
0.317
0.430
0.605
0.862
1.21
Available Cores
Part No.
MPP
High Flux
Sendust
Mega Flux
Perm.
(μ)
AL
(nH/N2)
CM102026
CM102060
-
-
CM102125
CM102147
CM102160
CM102173
CM102200
CH102026
CH102060
-
-
CH102125
CH102147
CH102160
-
-
-
CS102060
CS102075
CS102090
CS102125
-
-
-
-
-
CK102060
CK102075
CK102090
-
-
-
-
-
14
32
40
48
66
78
84
92
105
26
60
75
90
125
147
160
173
200
ID 5.08mm
HT 3.96mm
AL vs NI Curve (60μ, 125μ)
OD 10.16mm / 0.400inch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com