Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT36F2 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT36F2
Description  36Music Synthesizer 8-Bit MCU
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT36F2 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT36F2 Datasheet HTML 2Page - Holtek Semiconductor Inc HT36F2 Datasheet HTML 3Page - Holtek Semiconductor Inc HT36F2 Datasheet HTML 4Page - Holtek Semiconductor Inc HT36F2 Datasheet HTML 5Page - Holtek Semiconductor Inc HT36F2 Datasheet HTML 6Page - Holtek Semiconductor Inc HT36F2 Datasheet HTML 7Page - Holtek Semiconductor Inc HT36F2 Datasheet HTML 8Page - Holtek Semiconductor Inc HT36F2 Datasheet HTML 9Page - Holtek Semiconductor Inc HT36F2 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
HT36F2
Rev. 1.00
6
August 15, 2005
and the other type is for wavetable code, which is ad-
dressed by the start address ST15~ST0. On the pro-
gram type, WA15~WA0=PF1~PF0
´213+PC12~PC0.
On the wave table ROM type, WA15~WA0=
ST15~ST0
´25.
Program Memory
- ROM
The program memory is used to store the program in-
structions which are to be executed. It also contains
data, table, and interrupt entries, and is organized into
8192
´16 bits, addressed by the bank pointer, program
counter and table pointer.
Certain locations in the program memory of each bank
are reserved for special usage:
· Location 000H on bank0
This area is reserved for the initialization program. Af-
ter chip reset, the program always begins execution at
location 000H on bank0.
· Location 008H
This area is reserved for the Timer Counter 0 interrupt
service program on each bank. If timer interrupt results
from a timer counter 0 overflow, and if the interrupt is en-
abled and the stack is not full, the program begins exe-
cution at location 008H corresponding to its bank.
· Location 00CH
This area is reserved for the Timer Counter 1 interrupt
service program on each bank. If a timer interrupt re-
sults from a Timer Counter 1 overflow, and if the inter-
rupt is enabled and the stack is not full, the program
begins execution at location 00CH corresponding to
its bank.
· Table location
Any location in the ROM space can be used as
look-up tables. The instructions
²TABRDC [m]² (the
current page, 1 page=256 words) and
²TABRDL [m]²
(the last page) transfer the contents of the lower-order
byte to the specified data memory, and the
higher-order byte to TBLH (08H). Only the destination
of the lower-order byte in the table is well-defined, the
higher-order byte of the table word are transferred to
the TBLH. The Table Higher-order byte register
(TBLH) is read only. The Table Pointer (TBLP) is a
read/write register (07H), which indicates the table lo-
cation. Before accessing the table, the location must
be placed in TBLP. The TBLH is read only and cannot
be restored. If the main routine and the ISR (Interrupt
Service Routine) both employ the table read instruc-
tion, the contents of the TBLH in the main routine are
likely to be changed by the table read instruction used
in the ISR. Errors can occur. In this case, using the ta-
ble read instruction in the main routine and the ISR si-
multaneously should be avoided. However, if the
table read instruction has to be applied in both the
main routine and the ISR, the interrupt should be dis-
abled prior to the table read instruction. It will not be
enabled until the TBLH has been backed up. All table
related instructions need 2 cycles to complete the op-
eration. These areas may function as normal program
memory depending upon user requirements.
· Bank pointer
The program memory is organized into 4 banks and
each bank into 8192
´16 bits of program ROM.
PF1~PF0 is used as the bank pointer. After an instruc-
tion has been executed to write data to the PF register
to select a different bank, note that the new bank will
not be selected immediately. It is not until the following
instruction has completed execution that the bank will
be actually selected. It should be note that the PF reg-
ister has to be cleared before setting to output mode.
Wavetable ROM
The ST15~ST0 is used to defined the start address of
each sample on the wavetable and read the waveform
data from the location. HT36F2 provides 16 output ad-
Instruction (s)
Table Location
*14
*13
*12
*11
*10
*9
*8
*7
*6
*5
*4
*3
*2
*1
*0
TABRDC [m]
P14
P13
P12
P11
P10
P9
P8
@7
@6
@5
@4
@3
@2
@1
@0
TABRDL [m]
P14
P13
11111
@7
@6
@5
@4
@3
@2
@1
@0
Table Location
Note:
*12~*0: Bits of table location
@7~@0: Bits of table pointer
P12~P8: Bits of current Program Counter
P14~P13: Bits of Bank PF1~PF0
0 0 0 0 H
0 0 0 8 H
T i m e r C o u n t e r 0 i n t e r r u p t s u b r o u t i n e
P r o g r a m
R O M
1 6 b i t s
L o o k - u p t a b l e ( 2 5 6 w o r d s )
n 0 0 H
L o o k - u p t a b l e ( 2 5 6 w o r d s )
1 F F F H
N o t e : n r a n g e s f r o m 0 0 t o 3 F .
n F F H
T i m e r C o u n t e r 1 i n t e r r u p t s u b r o u t i n e
0 0 0 C H
D e v i c e i n i t i a l i z a t i o n p r o g r a m
Program Memory for Each Bank



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com