Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT36F2 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT36F2
Description  36Music Synthesizer 8-Bit MCU
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT36F2 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT36F2 Datasheet HTML 1Page - Holtek Semiconductor Inc HT36F2 Datasheet HTML 2Page - Holtek Semiconductor Inc HT36F2 Datasheet HTML 3Page - Holtek Semiconductor Inc HT36F2 Datasheet HTML 4Page - Holtek Semiconductor Inc HT36F2 Datasheet HTML 5Page - Holtek Semiconductor Inc HT36F2 Datasheet HTML 6Page - Holtek Semiconductor Inc HT36F2 Datasheet HTML 7Page - Holtek Semiconductor Inc HT36F2 Datasheet HTML 8Page - Holtek Semiconductor Inc HT36F2 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
HT36F2
Music Synthesizer 8-Bit MCU
Block Diagram
Rev. 1.00
1
August 15, 2005
Features
· Operating voltage: 2.4V~5.0V
· Operating frequency:
Xtal: 6MHz~8MHz
ROSC: typ. 6MHz
· Built-in 32K´16-bit (0.5M-bit) ROM for program/data
shared
· Built-in 8 bit MCU with 208´8 bits RAM
· Two 8 bit programmable timer with 8 stage prescaler
· 16 bidirectional I/O lines
· Four polyphonic synthesizer
· Mono 16-bit DAC
· Oscillation modes: XTAL/RCOSC
· Low voltage reset
· Eight-level subroutine nesting
· Watchdog timer
· Supports 8-bit table read instruction (TBLP)
· HALT function and wake-up feature reduce power
consumption
· Bit manipulation instructions
· 63 powerful instructions
· All instructions in 1 or 2 machine cycles
· 16/28-pin SOP package
General Description
The HT36F2 is an 8-bit high performance RISC archi-
tecture microcontroller specifically designed for various
music applications. It provides an 8-bit MCU and a
4-channel Wavetable synthesizer. It has a built-in 8-bit
microprocessor which controls the synthesizer to gen-
erate the melody by setting the special register. A HALT
feature is provided to reduce power consumption.
8 - B i t
M C U
3 2 K ´ 1 6 - b i t
R O M
2 0 8 ´ 8
R A M
M u l t i p l i e r / P h a s e
G e n e r a l
P A 0 ~ P A 7
P B 0 ~ P B 7
O S C 1
O S C 2
R E S
1 6 - B i t
D A C
V D D
V S S
V D D A
A U D
V S S A
Technical Document
· Tools Information
· FAQs
· Application Note


Similar Part No. - HT36F2

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT36F6 HOLTEK-HT36F6 Datasheet
296Kb / 37P
Music Synthesizer 8-Bit MCU
August 15, 2005
HT36FA HOLTEK-HT36FA Datasheet
272Kb / 37P
Music Synthesizer 8-Bit MCU
March 13, 2006
More results

Similar Description - HT36F2

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT36A2 HOLTEK-HT36A2 Datasheet
215Kb / 24P
8-Bit Music Synthesizer MCU
June 19, 2003
HT36A3 HOLTEK-HT36A3 Datasheet
145Kb / 11P
8-Bit Music Synthesizer MCU
June 30, 2003
HT36A4 HOLTEK-HT36A4 Datasheet
247Kb / 22P
8-Bit Music Synthesizer MCU
July 2, 2003
HT36A1 HOLTEK-HT36A1 Datasheet
286Kb / 39P
Music Synthesizer 8-Bit MCU
August 15, 2005
HT36B0 HOLTEK-HT36B0 Datasheet
161Kb / 13P
8-Bit Music Synthesizer MCU
June 30, 2003
HT86030 HOLTEK-HT86030 Datasheet
207Kb / 25P
Voice Synthesizer 8-Bit MCU
February 20, 2006
HT36B4 HOLTEK-HT36B4 Datasheet
276Kb / 38P
Music Synthesizer 8-Bit MCU
October 18, 2006
HT36A4 HOLTEK-HT36A4_07 Datasheet
301Kb / 38P
Music Synthesizer 8-Bit MCU
March 12, 2007
HT36M4 HOLTEK-HT36M4_07 Datasheet
240Kb / 24P
Music Synthesizer 8-Bit MCU
March 14, 2007
HT86030 HOLTEK-HT86030_06 Datasheet
291Kb / 40P
Voice Synthesizer 8-Bit MCU
May 25, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com