Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT36F2 Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT36F2
Description  36Music Synthesizer 8-Bit MCU
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT36F2 Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT36F2 Datasheet HTML 7Page - Holtek Semiconductor Inc HT36F2 Datasheet HTML 8Page - Holtek Semiconductor Inc HT36F2 Datasheet HTML 9Page - Holtek Semiconductor Inc HT36F2 Datasheet HTML 10Page - Holtek Semiconductor Inc HT36F2 Datasheet HTML 11Page - Holtek Semiconductor Inc HT36F2 Datasheet HTML 12Page - Holtek Semiconductor Inc HT36F2 Datasheet HTML 13Page - Holtek Semiconductor Inc HT36F2 Datasheet HTML 14Page - Holtek Semiconductor Inc HT36F2 Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
HT36F2
Rev. 1.00
11
August 15, 2005
Power Down Operation
- HALT
The HALT mode is initialized by a
²HALT² instruction
and results in the following...
· The system oscillator will turn off but the WDT oscilla-
tor keeps running (If the WDT oscillator is selected).
Watchdog Timer
- WDT
· The contents of the on-chip RAM and registers remain
unchanged
· The WDT and WDT prescaler will be cleared and
starts to count again (if the clock comes from the WDT
oscillator).
· All I/O ports maintain their original status.
· The PDF flag is set and the TO flag is cleared.
· The HALT pin will output a high level signal to disable
the external ROM.
The system can leave the HALT mode by means of an
external reset, an interrupt, an external falling edge sig-
nal on port A or a WDT overflow. An external reset
causes a device initialization and the WDT overflow per-
forms a
²warm reset². By examining the TO and PDF
flags, the cause for a chip reset can be determined. The
PDF flag is cleared when there is a system power-up or by
executing the
²CLR WDT² instruction and it is set when a
²HALT² instruction is executed. The TO flag is set if the
WDT time-out occurs, and causes a wake-up that only re-
sets the Program Counter and SP, the others remain in
their original status.
The port A wake-up and interrupt methods can be con-
sidered as a continuation of normal execution. Each bit
in port A can be independently selected to wake-up the
device by mask option. Awakening from an I/O port stim-
ulus, the program will resume execution of the next in-
struction. If awakening from an interrupt, two sequences
may occur. If the related interrupts is disabled or the in-
terrupts is enabled but the stack is full, the program will
resume execution at the next instruction. If the interrupt
is enabled and the stack is not full, a regular interrupt re-
sponse takes place.
Once a wake-up event occurs, it takes 1024 tSYS (sys-
tem clock period) to resume to normal operation. In
other words, a dummy cycle period will be inserted after
the wake-up. If the wake-up results from an interrupt ac-
knowledge, the actual interrupt subroutine will be de-
layed by one more cycle. If the wake-up results in next
instruction execution, this will execute immediately after
a dummy period has finished. If an interrupt request flag
is set to
²1² before entering the HALT mode, the
wake-up function of the related interrupt will be disabled.
To minimize power consumption, all I/O pins should be
carefully managed before entering the HALT status.
Reset
There are 3 ways in which a reset can occur:
· RES reset during normal operation
· RES reset during HALT
· WDT time-out reset during normal operation
The WDT time-out during HALT is different from other
chip reset conditions, since it can perform a
²warm re -
set
² that just resets the Program Counter and SP, leav-
ing the other circuits to maintain their state. Some regis-
ters remain unchanged during any other reset
conditions. Most registers are reset to the
²initial condi-
tion
² when the reset conditions are met. By examining
the PDF and TO flags, the program can distinguish be-
tween different
²chip resets².
TO
PDF
RESET Conditions
0
0
RES reset during power-up
u
u
RES reset during normal operation
0
1
RES wake-up HALT
1
u
WDT time-out during normal operation
1
1
WDT wake-up HALT
Note:
²u² stands for ²unchanged²
To guarantee that the system oscillator has started and
stabilized, the SST (System Start-up Timer) provides an
extra-delay of 1024 system clock pulses during system
power up or when the system awakes from a HALT
state.
When a system power-up occurs, the SST delay is
added during the reset period. But when the reset co-
mes from the RES pin, the SST delay is disabled. Any
wake-up from HALT will enable the SST delay.
The functional units chip reset status are shown below.
Program Counter
000H
Interrupt
Disable
Prescaler
Clear
WDT
Clear. After master reset,
WDT begins counting
Timer Counter (0/1)
Off
Input/output ports
Input mode
Stack Pointer
Points to the top of stack
t S S T
R E S
V D D
S S T T i m e - o u t
C h i p R e s e t
Reset Timing Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com