Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT36F2 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT36F2
Description  36Music Synthesizer 8-Bit MCU
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT36F2 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT36F2 Datasheet HTML 1Page - Holtek Semiconductor Inc HT36F2 Datasheet HTML 2Page - Holtek Semiconductor Inc HT36F2 Datasheet HTML 3Page - Holtek Semiconductor Inc HT36F2 Datasheet HTML 4Page - Holtek Semiconductor Inc HT36F2 Datasheet HTML 5Page - Holtek Semiconductor Inc HT36F2 Datasheet HTML 6Page - Holtek Semiconductor Inc HT36F2 Datasheet HTML 7Page - Holtek Semiconductor Inc HT36F2 Datasheet HTML 8Page - Holtek Semiconductor Inc HT36F2 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 36 page
background image
Pad Coordinates
Unit:
mm
Pad No.
X
Y
Pad No.
X
Y
1
-876.150
1043.000
14
916.350
514.500
2
-876.150
931.200
15
916.350
625.100
3
-876.150
817.560
16
916.350
725.100
4
-876.150
715.600
17
916.350
835.700
5
-916.350
-63.124
18
916.350
935.700
6
-916.350
-740.976
19
916.350
1046.300
7
-916.350
-842.650
20
704.250
1041.550
8
-916.350
-942.650
21
593.650
1041.550
9
-916.350
-1044.324
22
493.650
1041.550
10
710.500
-1041.350
23
383.050
1041.550
11
810.500
-1041.350
24
283.050
1041.550
12
921.100
-1041.350
25
172.450
1041.550
13
916.350
414.500
Pad Description
Pad No.
Pad Name
I/O
Internal
Connection
Function
8, 7
VDD, VSS
¾¾
Digital power supply, ground
3,4
VDDA, VSSA
¾¾
DAC power supply
10~17
PA0~PA7
I/O
Wake-up,
Pull-high or
None
Bidirectional 8-bit I/O port, wake-up by mask option
25~18
PB0~PB7
I/O
Pull-high or
None
Bidirectional 8-bit I/O port
9
RESET
I
¾
Reset input, active low
6
OSC1
I
X
¢tal/Resistor XIN for X¢tal or ROSCIN for resistor by mask option
5
OSC2
O
¾
XOUT or T1
1
AUD
O
¾
DAC output interface
Absolute Maximum Ratings
Supply Voltage ..........................VSS
-0.3V to VSS+5.5V
Storage Temperature ...........................
-50°Cto125°C
Input Voltage .............................VSS
-0.3V to VDD+0.3V
Operating Temperature ..........................
-25°Cto70°C
Note: These are stress ratings only. Stresses exceeding the range specified under
²Absolute Maximum Ratings² may
cause substantial damage to the device. Functional operation of this device at other conditions beyond those
listed in the specification is not implied and prolonged exposure to extreme conditions may affect device reliabil-
ity.
HT36F2
Rev. 1.00
3
August 15, 2005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com