Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FHX76LP Datasheet(PDF) 1 Page - Eudyna Devices Inc

Part # FHX76LP
Description  Super Low Noise HEMT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FHX76LP Datasheet(HTML) 1 Page - Eudyna Devices Inc

  FHX76LP Datasheet HTML 1Page - Eudyna Devices Inc FHX76LP Datasheet HTML 2Page - Eudyna Devices Inc FHX76LP Datasheet HTML 3Page - Eudyna Devices Inc FHX76LP Datasheet HTML 4Page - Eudyna Devices Inc FHX76LP Datasheet HTML 5Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
Edition 1.1
August 2004
FHX76LP
Super Low Noise HEMT
DESCRIPTION
The FHX76LP is a low noise SuperHEMT
TMproduct designed for DBS
applications. This device uses a small ceramic package that is optimized
for high volume cost driven requirements.
Eudyna’s stringent Quality Assurance Program assures the highest
reliability and consistent performance.
FEATURES
• Low Noise Figure: NF=0.40dB (Typ.)@f=12GHz
• High Associated Gain: Gas=13.5dB (Typ.)@f=12GHz
• High Reliability
• Small Size SMT Package
• Tape and Reel Packaging Available
Parameter
Drain-Source Voltage
Gate-Source Voltage
Total Power Dissipation
Storage Temperature
Channel Temperature
Symbol
V
V
mW
°C
°C
VGS
Pt
TSTG
TCH
VDS
Rating
Condition
Unit
3.5
-3.0
180
Note
-65 to 150
150
ABSOLUTE MAXIMUM RATINGS (Ambient Temperature Ta = 25
°C)
Note: Mounted on Al2O3 board (30 x 30 x 0.65mm)
Eudyna recommends the following conditions for the reliable operation of GaAs FETs:
1. The drain-source operating voltage (VDS) should not exceed 2 volts.
2. The forward and reverse gate currents should not exceed 0.2 and -0.05 mA respectively with
gate resistance of 4000
Ω.
3. The operating channel temperature (Tch) should not exceed 80°C.
Item
Saturated Drain Current
Transconductance
Pinch-Off Voltage
Gate-Source Breakdown Voltage
Noise Figure
Associated Gain
Symbol
IDSS
VGSO
35
50
-
10
30
60
-0.1
-0.7
-1.5
-3.0
-
-
-
0.40
0.50
12.0
13.5
-
VDS = 2V, VGS=0V
VDS = 2V, IDS=10mA
VDS = 2V, IDS=1mA
IGS = -10µA
VDS = 2V,
IDS = 10mA,
f=12GHz
mA
mS
V
dB
dB
V
gm
Vp
NF
Gas
Conditions
Unit
Limits
Typ.
Max.
Min.
ELECTRICAL CHARACTERISTICS (Ambient Temperature Ta=25
°C)
Note: RF parameters for LP devices are measured on a sample basis as follows:
Lot qty.
Sample qty.
Accept/Reject
1200
or
less
125
(0,1)
1201
to
3200
200
(0,1)
3201
to
10000
315
(1,2)
10001
or
over
500
(1,2)
CASE STYLES: LP
Channel to Case
Thermal Resistance
-
300
400
°C/W
Rth


Similar Part No. - FHX76LP

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
FHX04LG FUJITSU-FHX04LG Datasheet
116Kb / 5P
Super Low Noise HEMT
logo
Eudyna Devices Inc
FHX04X EUDYNA-FHX04X Datasheet
56Kb / 4P
GaAs FET & HEMT Chips
logo
fujitsu semiconductor
FHX05LG FUJITSU-FHX05LG Datasheet
116Kb / 5P
Super Low Noise HEMT
logo
Eudyna Devices Inc
FHX05X EUDYNA-FHX05X Datasheet
56Kb / 4P
GaAs FET & HEMT Chips
logo
fujitsu semiconductor
FHX06LG FUJITSU-FHX06LG Datasheet
116Kb / 5P
Super Low Noise HEMT
More results

Similar Description - FHX76LP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGF431XG MITSUBISHI-MGF431XG Datasheet
33Kb / 3P
Super Low Noise InGaAs HEMT
MGF491XG MITSUBISHI-MGF491XG Datasheet
19Kb / 3P
SUPER LOW NOISE InGaAs HEMT
MGF4951A MITSUBISHI-MGF4951A Datasheet
182Kb / 4P
SUPER LOW NOISE InGaAs HEMT
logo
Eudyna Devices Inc
FHC40LG EUDYNA-FHC40LG Datasheet
87Kb / 5P
Super Low Noise HEMT
FHX13LG EUDYNA-FHX13LG Datasheet
89Kb / 6P
Super Low Noise HEMT
logo
Mitsubishi Electric Sem...
MGF4910D MITSUBISHI-MGF4910D Datasheet
579Kb / 10P
TAPE CARRIER SUPER LOW NOISE INGAAS HEMT
logo
fujitsu semiconductor
FHX04LG FUJITSU-FHX04LG Datasheet
116Kb / 5P
Super Low Noise HEMT
logo
Mitsubishi Electric Sem...
MGF4941AL MITSUBISHI-MGF4941AL Datasheet
124Kb / 6P
SUPER LOW NOISE InGaAs HEMT
MGF4951A MITSUBISHI-MGF4951A_04 Datasheet
184Kb / 5P
SUPER LOW NOISE InGaAs HEMT
MGF4961B MITSUBISHI-MGF4961B Datasheet
111Kb / 4P
SUPER LOW NOISE InGaAs HEMT
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com