Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FHX76LP Datasheet(PDF) 4 Page - Eudyna Devices Inc

Part # FHX76LP
Description  Super Low Noise HEMT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FHX76LP Datasheet(HTML) 4 Page - Eudyna Devices Inc

  FHX76LP Datasheet HTML 1Page - Eudyna Devices Inc FHX76LP Datasheet HTML 2Page - Eudyna Devices Inc FHX76LP Datasheet HTML 3Page - Eudyna Devices Inc FHX76LP Datasheet HTML 4Page - Eudyna Devices Inc FHX76LP Datasheet HTML 5Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
S-PARAMETERS
VDS = 2V, IDS = 10mA
FREQUENCY
S11
S21
S12
S22
(MHZ)
MAG
ANG
MAG
ANG
MAG
ANG
MAG
ANG
1000
.987
-14.8
5.535
164.2
.014
80.2
.585
-11.4
2000
.965
-29.4
5.463
148.8
.027
70.2
.567
-22.9
3000
.925
-44.6
5.334
133.2
.041
57.7
.538
-34.7
4000
.878
-58.3
5.154
118.8
.049
50.0
.511
-45.2
5000
.828
-72.9
5.019
104.3
.059
40.6
.480
-56.4
6000
.776
-87.8
4.825
89.8
.067
32.4
.446
-68.4
7000
.719
-102.8
4.606
75.6
.075
23.2
.413
-80.6
8000
.669
-116.6
4.354
61.9
.079
15.2
.394
-92.6
9000
.631
-129.4
4.130
49.5
.083
6.3
.374
-102.4
10000
.590
-141.7
3.982
37.0
.086
.2
.365
-112.5
11000
.548
-155.3
3.849
24.7
.088
-7.6
.335
-121.9
12000
.507
-169.6
3.689
12.4
.091
-14.2
.323
-134.1
13000
.482
177.0
3.545
-.2
.095
-20.8
.313
-145.0
14000
.459
164.7
3.425
-11.9
.096
-28.7
.315
-155.9
15000
.439
152.3
3.330
-24.4
.098
-36.4
.324
-165.4
16000
.419
138.7
3.264
-37.1
.102
-44.1
.322
-174.3
17000
.404
123.9
3.238
-50.3
.103
-54.6
.321
175.4
18000
.383
107.3
3.176
-63.5
.108
-63.4
.316
165.3
19000
.377
93.2
3.101
-78.0
.105
-74.5
.320
153.2
20000
.348
76.5
3.028
-92.3
.110
-87.6
.301
146.1
NOTE:* The data includes bonding wires.
n: number of wires
Gate
n=1 (0.1mm length, 25µm Dia Au wire)
Drain
n=1 (0.1mm length, 25µm Dia Au wire)
Source n=4 (0.2mm length, 25µm Dia Au wire)
DRAIN CURRENT vs. DRAIN-SOURCE VOLTAGE
12
3
4
Drain-Source Voltage (V)
40
30
20
0
10
VGS =0V
-0.2V
-0.4V
-0.6V
-0.8V
POWER DERATING CURVE
100
150
50
200
0
0
50
100
150
200
Ambient Temperature (
°C)
FHX76LP
Super Low Noise HEMT



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com