Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FHX76LP Datasheet(PDF) 3 Page - Eudyna Devices Inc

Part # FHX76LP
Description  Super Low Noise HEMT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FHX76LP Datasheet(HTML) 3 Page - Eudyna Devices Inc

  FHX76LP Datasheet HTML 1Page - Eudyna Devices Inc FHX76LP Datasheet HTML 2Page - Eudyna Devices Inc FHX76LP Datasheet HTML 3Page - Eudyna Devices Inc FHX76LP Datasheet HTML 4Page - Eudyna Devices Inc FHX76LP Datasheet HTML 5Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
FHX76LP
Super Low Noise HEMT
Γopt
+j250
+j100
+j50
+j25
+j10
0
-j10
-j25
-j50
-j100
-j250
50
25
10
100
250
TYPICAL NOISE FIGURE CIRCLE
f=12GHz
VDS=2V
IDS=10mA
Γopt=0.32∠153.8°
Rn/50=0.06
NFmin=0.40dB
Freq.
(GHz)
(MAG)
(ANG)
NFmin
(dB)
Rn/50
Γopt
2
4
6
8
10
12
14
16
18
20
0.79
0.62
0.50
0.41
0.35
0.32
0.30
0.29
0.29
0.29
12.5
30.0
54.1
83.6
117.3
153.8
-168.0
-129.5
-91.8
-56.3
0.28
0.29
0.30
0.32
0.35
0.40
0.48
0.60
0.72
0.91
.24
.20
.16
.12
.08
.06
.06
.09
.14
.19
NOISE PARAMETERS
VDS=2V, IDS=10MA
Ga(max) AND |S21| vs. FREQUENCY
25
20
15
10
5
0
46
8 10 12
20
Frequency (GHz)
VDS=2V
IDS=10mA
|S21|
2
Ga(max)
1.0
1.5
2.0
3.0dB
0.5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com