Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FHX76LP Datasheet(PDF) 2 Page - Eudyna Devices Inc

Part # FHX76LP
Description  Super Low Noise HEMT
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FHX76LP Datasheet(HTML) 2 Page - Eudyna Devices Inc

  FHX76LP Datasheet HTML 1Page - Eudyna Devices Inc FHX76LP Datasheet HTML 2Page - Eudyna Devices Inc FHX76LP Datasheet HTML 3Page - Eudyna Devices Inc FHX76LP Datasheet HTML 4Page - Eudyna Devices Inc FHX76LP Datasheet HTML 5Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
FHX76LP
Super Low Noise HEMT
Gas
NF & Gas vs. IDS
2.0
1.5
1.0
0.5
0
VDS=2V
f=12GHz
VDS=2V
IDS=10mA
15
9
7
11
13
10
20
30
Drain Current (mA)
NF & Gas vs. FREQUENCY
0.8
0.6
1.0
1.2
0.4
0.2
0.0
18
15
21
24
12
9
6
4
28 10
20
Frequency (GHz)
NF
Gas
NF
DRAIN CURRENT vs. DRAIN-SOURCE VOLTAGE
12
3
4
Drain-Source Voltage (V)
40
30
20
0
10
VGS =0V
-0.2V
-0.4V
-0.6V
-0.8V
POWER DERATING CURVE
100
150
50
200
0
0
50
100
150
200
Ambient Temperature (
°C)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com