Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82K94A Datasheet(PDF) 11 Page - Holtek Semiconductor Inc

Part # HT82K94A
Description  USB Multimedia Keyboard Encoder 8-Bit MCU
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82K94A Datasheet(HTML) 11 Page - Holtek Semiconductor Inc

Back Button HT82K94A Datasheet HTML 7Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 8Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 9Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 10Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 11Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 12Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 13Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 14Page - Holtek Semiconductor Inc HT82K94A Datasheet HTML 15Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
HT82K94E/HT82K94A
Rev. 1.00
11
November 22, 2005
During the execution of an interrupt subroutine, other in-
terrupt acknowledge signals are held until the
²RETI² in-
struction is executed or the EMI bit and the related
interrupt control bit are set to
²1² (if the stack is not full).
To return from the interrupt subroutine,
²RET² or ²RETI²
may be invoked. RETI will set the EMI bit to enable an in-
terrupt service, but RET will not.
Interrupts, occurring in the interval between the rising
edges of two consecutive T2 pulses, will be serviced on
the latter of the two T2 pulses, if the corresponding inter-
rupts are enabled. In the case of simultaneous requests
the following table shows the priority that is applied.
These can be masked by resetting the EMI bit.
No.
Interrupt Source
Priority Vector
a
USB interrupt
1
04H
b
Timer/Event Counter 0 overflow
2
08H
c
Timer/Event Counter 1 overflow
3
0CH
The Timer/Event Counter 0/1 interrupt request flag
(T0F/T1F), USB interrupt request flag (USBF), enable
Timer/Event Counter 0/1 interrupt bit (ET0I/ET1I), enable
USB interrupt bit (EUI) and enable master interrupt bit
(EMI) constitute an interrupt control register (INTC) which
is located at 0BH in the data memory. EMI, EUI, ETI are
used to control the enabling/disabling of interrupts. These
bits prevent the requested interrupt from being serviced.
Once the interrupt request flags (TF, USBF) are set, they
will remain in the INTC register until the interrupts are ser-
viced or cleared by a software instruction.
It is recommended that a program does not use the
²CALL subroutine² within the interrupt subroutine. Inter-
rupts often occur in an unpredictable manner or need to
be serviced immediately in some applications. If only one
stack is left and enabling the interrupt is not well con-
trolled, the original control sequence will be damaged
once the
²CALL² operates in the interrupt subroutine.
Oscillator Configuration
There is an oscillator circuits in the microcontroller.
This oscillator is designed for system clocks. The HALT
mode stops the system oscillator and ignores an exter-
nal signal to conserve power.
A crystal across OSC1 and OSC2 is needed to provide
the feedback and phase shift required for the oscillator.
No other external components are required. In stead of
a crystal, a resonator can also be connected between
OSC1 and OSC2 to get a frequency reference, but two
external capacitors in OSC1 and OSC2 are required.
The WDT oscillator is a free running on-chip RC oscilla-
tor, and no external components are required. Even if
the system enters the power down mode, the system
clock is stopped, but the WDT oscillator still works within
a period of approximately 31
ms. The WDT oscillator can
be disabled by ROM code option to conserve power.
Watchdog Timer
- WDT
The WDT clock source is implemented by a dedicated
RC oscillator (WDT oscillator), or instruction clock (sys-
tem clock divided by 4), determines the ROM code op-
tion. This timer is designed to prevent a software
malfunction or sequence from jumping to an unknown
location with unpredictable results. The Watchdog
Timer can be disabled by ROM code option. If the
Watchdog Timer is disabled, all the executions related
to the WDT result in no operation.
Once the internal WDT oscillator (RC oscillator, nor-
mally with a period of 31
ms/5V) is selected, it is first di-
vided by 256 (8-stage) to get the nominal time-out
period of 8ms/5V. This time-out period may vary with
temperatures, VDD and process variations. By invoking
the WDT prescaler, longer time-out periods can be real-
ized. Writing data to WS2, WS1, WS0 (bits 2, 1, 0 of the
WDTS) can give different time-out periods. If WS2,
WS1, and WS0 are all equal to 1, the division ratio is up
to 1:128, and the maximum time-out period is 1s/5V. If
the WDT oscillator is disabled, the WDT clock may still
come from the instruction clock and operates in the
same manner except that in the HALT state the WDT
may stop counting and lose its protecting purpose. In
this situation the logic can only be restarted by external
logic. The high nibble and bit 3 of the WDTS are re-
served for user
¢s defined flags, which can only be set to
²10000² (WDTS.7~WDTS.3).
S y s t e m C l o c k / 4
8 - b i t C o u n t e r
W D T P r e s c a l e r
7 - b i t C o u n t e r
8 - t o - 1 M U X
W D T T i m e - o u t
W S 0 ~ W S 2
R O M
C o d e
O p t i o n
S e l e c t
W D T
O S C
Watchdog Timer
C r y s t a l O s c i l l a t o r
O S C 2
O S C 1
System Oscillator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com